Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC-1220-050-A-1-N Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPC-1220-050-A-1-N
Description  50 mV full scale output (FSO)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-1220-050-A-1-N Datasheet(HTML) 3 Page - Amphenol Corporation

  NPC-1220-050-A-1-N Datasheet HTML 1Page - Amphenol Corporation NPC-1220-050-A-1-N Datasheet HTML 2Page - Amphenol Corporation NPC-1220-050-A-1-N Datasheet HTML 3Page - Amphenol Corporation NPC-1220-050-A-1-N Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPC-1220 Specifications
Pressure Ranges
• Gauge and differential: 5, 15, 30, 50 and 100 psi (0.34,
1.03, 2.06, 3.44 and 6.89 bar)
• Absolute: 15, 30, 50 and 100 psi (1, 2, 3.4 and 7 bar); 5
psi (0.34 bar)—call NovaSensor
Parameter
Value
Units
Notes
Environmental
Temperature Range
Operating
Compensated
Storage
–40° to 257°
32° to 140°
–67°F to 302°
°F
°F
°F
(-40°C to 125°C)
(0°C to 60°C)
(–55°C to 150 °C)
Mechanical
Weight
0.005
lb
(2.5 g)
Media Compatibility
Positive differential
and gauge ports
Absolute. Negative
differential ports
Compatible with
exposed materials
Compatible with
exposed materials
Dry gases only
7
Parameter
Units
Min.
Typical Max. Notes
Performance Parameters *
FS Output (FSO)
mV
49.5
50
50.5
2, 3
Zero Pressure Output
±mV
-2
2
3
Linearity
±%FSO -0.1
0.1
4, 8
Pressure Hysteresis
±%FSO -0.1
0.1
Input Impedance
2500 4000
6000
Output Impedance
4000 5000
6000
Thermal Accuracy–Span
%FSO
-0.5
0.5
3, 5, 8
Thermal Accuracy–Zero
%FSO
-0.5
0.5
3, 5, 8
Temperature
Coefficient–Resistance
%/°C
0.2
5
Thermal Hysteresis–Zero
%FSO
0.1
5
Maximum Pressure
Rated
3X
6
1. * Ambient temperature = 77°F (25°C), unless otherwise noted.
2. Output span of unamplified sensor using the current set resistor and the circuit
shown in the schematic drawing.
3. Compensation resistors are an integral part of the sensor package; no additional
external resistors are required. Pins 7 and 8 must be kept open. The NPC-1220
is interchangeable only when used with the current set resistor shown in the
schematic diagram.
4. Best fit straight line.
5. Temperature range 32°F to 140°F (0°C to 60°C), reference to 77°F (25°C).
6. 3X or 200 psi (13.78 bar) maximum, whichever is less.
7. Exposed materials are pyrex, ceramic, silicon, epoxy, RTV, and stainless steel..
8. 5 psi (0.34 bar) spec.:
Linearity: 0.25 ±%FSO
TC-span: 0.75 ±%FSO
TC-zero: 0.75 ±%FSO
NovaSensor warrants its products against defects in
material and workmanship for 12 months from the
date of shipment . Products not subjected to misuse
will be repaired or replaced. NovaSensor reserves the
right to make changes without further notice to any
products herein. NovaSensor makes no warranty,
representation or guarantee regarding the suitability
of its products for any particular application. Nova-
Sensor does not assume any liability arising out of
the application or use of any product or circuit and
specifically disclaims, and all liability without limita-
tion, consequential or incidental damages. The fore-
going warranties are exclusive and in lieu of all other
warranties, whether written, oral, implied or statutory.
No implied statutory warranty of merchantability or
fitness for particular purpose shall apply.
Warranty


Similar Part No. - NPC-1220-050-A-1-N

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPC-120-T AMPHENOL-NPC-120-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1201 ETC2-NPC-1201 Datasheet
1Mb / 1P
   Unless specified on the drawing, tolerances are per the follows
NPC-1201 ETC2-NPC-1201 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1202 ETC2-NPC-1202 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
More results

Similar Description - NPC-1220-050-A-1-N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
   0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
   0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
logo
Guangdong Youtai Semico...
TMP36 UMW-TMP36 Datasheet
5Mb / 10P
   Scale factor: 10 mV/°C
logo
Motorola, Inc
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
   0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
   0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com