Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1956 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # F1956
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1956 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button F1956 Datasheet HTML 6Page - Integrated Device Technology F1956 Datasheet HTML 7Page - Integrated Device Technology F1956 Datasheet HTML 8Page - Integrated Device Technology F1956 Datasheet HTML 9Page - Integrated Device Technology F1956 Datasheet HTML 10Page - Integrated Device Technology F1956 Datasheet HTML 11Page - Integrated Device Technology F1956 Datasheet HTML 12Page - Integrated Device Technology F1956 Datasheet HTML 13Page - Integrated Device Technology F1956 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
F1956
7-Bit 0.25 dB Wideband Digital Step Attenuator
10
Rev 2 04/08/2016
Table 5 - Latched Parallel Mode Timing
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
tsps
Serial to Parallel Mode Setup Time
100
ns
tpdh
Parallel Data Hold Time
10
ns
tle
LE minimum pulse width
10
ns
tpds
Parallel Data Setup Time
10
ns
TYPICAL OPERATING CONDITIONS (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
1. VDD = +3.30 V
2. TCASE = +25 °C
3. 50 MHz Tone Space
4. Serial Control
5. PIN = 0 dBm
6. RF1 is the input port
7. Attenuation Setting = 0 dB
8. EVKit losses (traces and connectors) are fully de-embedded


Similar Part No. - F1956

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
F1956NBGI RENESAS-F1956NBGI Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
More results

Similar Description - F1956

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com