Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC-1210-100-A-3-N Datasheet(PDF) 4 Page - Amphenol Corporation

Part # NPC-1210-100-A-3-N
Description  High sensitivity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-1210-100-A-3-N Datasheet(HTML) 4 Page - Amphenol Corporation

  NPC-1210-100-A-3-N Datasheet HTML 1Page - Amphenol Corporation NPC-1210-100-A-3-N Datasheet HTML 2Page - Amphenol Corporation NPC-1210-100-A-3-N Datasheet HTML 3Page - Amphenol Corporation NPC-1210-100-A-3-N Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The code number to be ordered may be specified as follows:
NPC-1210 (Medium Pressure)
Code
Pressure Range
0055psi(0.3bar)
015
15psi(1bar)
030
30psi(2bar)
050
50psi(3.4bar)
100
100psi(7bar)
Code
Type
D
Differential
A
Absolute
G
Gauge
Code
Lead Configurations
1
Up
3
Down
Code
Tube Options
L
Long
S
Short
N
None*
NPC-1210-___-___-___-___Typicalmodelnumber
*OrderNPC-1210-XXXG-XNinplaceofNPC-1210-XXXD-XN
The code number to be ordered may be specified as follows:
NPC-1210 (Low Pressure)
Code
Pressure Range
10W
10inH2O(25mbar)
001
1psi(69mbar)
Code
Type
D
Differential
G
Gauge
Code
Lead Configurations
1
Up
3
Down
Code
Tube Options
L
Long
S
Short
NPC-1210-___-___-___-___Typicalmodelnumber
NPC-1210SeriesSpecifications
OrderingInformation
Warranty
AmphenolAdvancedSensorswarrantsitsproducts
againstdefectsinmaterialandworkmanshipfor
12monthsfromthedateofshipment.Productsnot
subjectedtomisusewillberepairedorreplaced.
AmphenolAdvancedSensorsreservestherightto
makechangeswithoutfurthernoticetoanyproducts
herein.NovaSensormakesnowarranty,representation
orguaranteeregardingthesuitabilityofitsproducts
foranyparticularapplication,nordoesAmphenol
AdvancedSensorsassumeanyliabilityarisingoutof
theapplicationoruseofanyproductorcircuitand
specificallydisclaimsandallliabilitywithoutlimitation
consequentialorincidentaldamages.Theforegoing
warrantiesareexclusiveandinlieuofallother
warranties,whetherwritten,oral,impliedorstatutory.
Noimpliedstatutorywarrantyofmerchantabilityor
fitnessforparticularpurposeshallapply.
AAS-920-303C-08/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors


Similar Part No. - NPC-1210-100-A-3-N

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPC-120-T AMPHENOL-NPC-120-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1201 ETC2-NPC-1201 Datasheet
1Mb / 1P
   Unless specified on the drawing, tolerances are per the follows
NPC-1201 ETC2-NPC-1201 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1202 ETC2-NPC-1202 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Amphenol Corporation
NPC-1220 AMPHENOL-NPC-1220 Datasheet
77Kb / 4P
   50 mV full scale output (FSO)
More results

Similar Description - NPC-1210-100-A-3-N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
logo
Lite-On Technology Corp...
LTR-546AD LITEON-LTR-546AD Datasheet
146Kb / 4P
   HIGH PHOTO SENSITIVITY
logo
Micropac Industries
65025 MICROPAC-65025 Datasheet
42Kb / 2P
   High magnetic sensitivity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com