Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54794002X5V102P Datasheet(PDF) 2 Page - API Technologies Corp

Part # 54794002X5V102P
Description  Small size to allow effective use of space
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54794002X5V102P Datasheet(HTML) 2 Page - API Technologies Corp

  54794002X5V102P Datasheet HTML 1Page - API Technologies Corp 54794002X5V102P Datasheet HTML 2Page - API Technologies Corp 54794002X5V102P Datasheet HTML 3Page - API Technologies Corp 54794002X5V102P Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
54-786-003
54-785-002
54794002X5R101M
54803004X5R101M
54802002X5R101M
¦
54794002X5R471M
¦
54803004X5R471M
54802002X5R471M
¦
54802002X5V102P
¦
54803004X5V102P
¦
54794002X5V102P
¦
54-786-077
32
16
47
33
4
54
41
60
45
12
12
12
15
15
15
20
66
48
10
10
10
22
22
22
25
25
25
25
Solder-in Filters
Minimum Insertion Loss (dB)
50
100
250
250
250
250
250
250
250
250
250
750
Rated Voltage
125°C
DC
I
Amp
Cap*
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
* Tolerances are +100/-0% unless noted.
Solder-in C Circuit
See
Pg. LP3
for Fig.
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
1
MHz
1
1
4
3
2
4
3
2
2
3
4
5
10
10
25
25
25
25
25
25
25
25
25
10
0.30 µF
0.05 µF (min)
100 pF ± 20%
100 pF ± 20%
100 pF ± 20%
470 pF ± 20%
470 pF ± 20%
470 pF ± 20%
1000 pF
1000 pF
1000 pF
1000pF
70
50
20
20
20
25
25
25
35
35
35
35
70
50
20
20
20
25
25
25
40
40
40
40
A
0.156
0.125
B
0.203
0.184
(3.96)
(3.18)
(5.16)
(4.67)
In
In
(mm)
(mm)
LP4


Similar Part No. - 54794002X5V102P

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54790001X5F101M APITECH-54790001X5F101M Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54790001X5F101M APITECH-54790001X5F101M Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
logo
Festo Corporation.
547906 FESTO-547906 Datasheet
103Kb / 2P
   Diffuse scan
7/13/22
547907 FESTO-547907 Datasheet
111Kb / 2P
   Diffuse scan
7/13/22
547908 FESTO-547908 Datasheet
104Kb / 2P
   Diffuse scan
7/13/22
More results

Similar Description - 54794002X5V102P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
logo
ATMEL Corporation
AT40KEL040 ATMEL-AT40KEL040_14 Datasheet
781Kb / 42P
   SRAM based FPGA Dedicated to Space Use
logo
TE Connectivity Ltd
408-8821 TEC-408-8821 Datasheet
55Kb / 2P
   The production cable pointers are hand-fed pointers that use a small diameter cutter to allow ?쐏ointing" of pre-bent cable assemblies.
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
PHOENIX CONTACT
2702480 PHOENIX-2702480 Datasheet
70Kb / 4P
   Space saving, thanks to the small diameter
logo
Shanghai Leiditech Elec...
TSML100 LEIDITECH-TSML100 Datasheet
467Kb / 2P
   Small size of 0603 Low resistance
ISML110 LEIDITECH-ISML110 Datasheet
405Kb / 2P
   Small size of 0805 Low risistance
logo
Murata Manufacturing Co...
TZV2Z100A110B00 MURATA1-TZV2Z100A110B00_V01 Datasheet
272Kb / 3P
   Small size with external dimensions of
Last updated06/17/2022
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
   Designed to allow user to cut 32-position adapter down to any size desired
logo
PHOENIX CONTACT
3969915 PHOENIX-3969915 Datasheet
97Kb / 6P
   Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com