Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC52-11EWA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC52-11EWA
Description  13.2MM SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC52-11EWA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC52-11EWA Datasheet HTML 1Page - List of Unclassifed Manufacturers SC52-11EWA Datasheet HTML 2Page - List of Unclassifed Manufacturers SC52-11EWA Datasheet HTML 3Page - List of Unclassifed Manufacturers SC52-11EWA Datasheet HTML 4Page - List of Unclassifed Manufacturers SC52-11EWA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: KDA0327
REV NO: V.1
DATE: SEP/15/2001
PAGE: 4 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
Green
Yellow


Similar Part No. - SC52-11EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC52-11EWA KINGBRIGHT-SC52-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SC52-11EWA KINGBRIGHT-SC52-11EWA Datasheet
184Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC52-11EWA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUY13C SUNLED-DUY13C Datasheet
178Kb / 4P
   13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SC52-11SRWA KINGBRIGHT-SC52-11SRWA_1 Datasheet
128Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR13A SUNLED-DMR13A Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUG13A SUNLED-DUG13A Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
183Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11SRWA KINGBRIGHT-SC52-11SRWA Datasheet
157Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
SC52-11GWA KINGBRIGHT-SC52-11GWA Datasheet
182Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUG13C SUNLED-DUG13C Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DMR13C SUNLED-DMR13C Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA52-11GWA KINGBRIGHT-SA52-11GWA_11 Datasheet
225Kb / 6P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com