Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8642 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8642
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8642 Datasheet(HTML) 4 Page - Analog Devices

  AD8642 Datasheet HTML 1Page - Analog Devices AD8642 Datasheet HTML 2Page - Analog Devices AD8642 Datasheet HTML 3Page - Analog Devices AD8642 Datasheet HTML 4Page - Analog Devices AD8642 Datasheet HTML 5Page - Analog Devices AD8642 Datasheet HTML 6Page - Analog Devices AD8642 Datasheet HTML 7Page - Analog Devices AD8642 Datasheet HTML 8Page - Analog Devices AD8642 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 4 of 15
VS = ±13 V, VCM = 0 V, TA =25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
70
750
µV
AD8643 LFCSP only
1
mV
−40°C < TA < +125°C
1.5
mV
Input Bias Current
IB
0.25
1
pA
−40°C < TA < +125°C
260
pA
Input Offset Current
IOS
0.5
pA
−40°C < TA < +125°C
65
pA
Input Voltage Range
−13
+10
V
Common-Mode Rejection Ratio
CMRR
VCM = −13 V to +10 V
90
107
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = −11 V to +11 V
215
290
V/mV
Offset Voltage Drift
∆VOS/∆T
−40°C < TA < +125°C
2.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
+12.95
V
IL = 1 mA, −40°C to +125°C
+12.94
V
Output Voltage Low
VOL
−12.95
V
IL = 1 mA, −40°C to +125°C
−12.94
V
Output Current
IOUT
±12
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±13 V
90
107
dB
Supply Current/Amplifier
ISY
200
290
µA
−40°C < TA < +125°C
330
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
3
V/µs
Gain Bandwidth Product
GBP
3.5
MHz
Phase Margin
Øm
60
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4.2
µV p-p
Voltage Noise Density
eN
f = 1 kHz
27.5
nV/√Hz
Current Noise Density
iN
f = 1 kHz
0.5
fA/√Hz


Similar Part No. - AD8642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8642 AD-AD8642 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8642ARMZ-R2 AD-AD8642ARMZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

Similar Description - AD8642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com