Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4850-1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4850-1
Description  High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4850-1_16 Datasheet HTML 2Page - Analog Devices ADA4850-1_16 Datasheet HTML 3Page - Analog Devices ADA4850-1_16 Datasheet HTML 4Page - Analog Devices ADA4850-1_16 Datasheet HTML 5Page - Analog Devices ADA4850-1_16 Datasheet HTML 6Page - Analog Devices ADA4850-1_16 Datasheet HTML 7Page - Analog Devices ADA4850-1_16 Datasheet HTML 8Page - Analog Devices ADA4850-1_16 Datasheet HTML 9Page - Analog Devices ADA4850-1_16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADA4850-1/ADA4850-2
Data Sheet
Rev. D | Page 6 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Figure 5. Small Signal Frequency Response for Various Gains
Figure 6. Small Signal Frequency Response for Various Loads
Figure 7. Small Signal Frequency Response for Various Supplies
Figure 8. Small Signal Frequency Response for Various Capacitor Loads
Figure 9. 0.1 dB Flatness Response
Figure 10. Large Frequency Response for Various Loads
FREQUENCY (MHz)
–6
–5
–4
–3
–2
–1
0
1
1
10
100
VS = 5V
RL = 150
VOUT = 0.1V p-p
G = +10
G = –1
G = +2
1
100
10
1000
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
VS = 5V
G = +1
VOUT = 0.1V p-p
RL = 150
RL = 1k
FREQUENCY (MHz)
–6
–5
–4
–3
–2
–1
0
1
2
3
1
100
10
1000
VS = 5V
VS = 3V
G = +1
RL = 150
VOUT = 0.1V p-p
1
100
10
300
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
4
3
G = +1
VS = 5V
RL = 1k
VOUT = 0.1V p-p
6pF
1pF
0pF
6.2
5.4
100k
100M
FREQUENCY (Hz)
6.1
6.0
5.9
5.8
5.7
5.6
5.5
1M
10M
VS = 5V
G = +2
RL = 150
VS = 5V, VOUT = 0.1V p-p
VS = 5V, VOUT = 2V p-p
VS = 5V, VOUT = 1.4V p-p
VS = 3V, VOUT = 0.5V p-p
1
100
10
1000
FREQUENCY (MHz)
–7
–5
–6
–3
–4
–1
–2
1
0
VS = 5V
G = +1
VOUT = 0.5V p-p
RL = 150
RL = 1k


Similar Part No. - ADA4850-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-1YCPZ-R2 AD-ADA4850-1YCPZ-R2 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4850-1YCPZ-R2 AD-ADA4850-1YCPZ-R2 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1YCPZ-RL AD-ADA4850-1YCPZ-RL Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4850-1YCPZ-RL AD-ADA4850-1YCPZ-RL Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1YCPZ-RL7 AD-ADA4850-1YCPZ-RL7 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
More results

Similar Description - ADA4850-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-1 AD-ADA4850-1_07 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com