Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8692WARMZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8692WARMZ-REEL
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8692WARMZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8692WARMZ-REEL Datasheet HTML 3Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8692WARMZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 7 of 16
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
AD8691_92 SOURCE
AD8694 SOURCE
AD8694 SINK
AD8691_92 SINK
VS = 5V
Figure 11. Output Voltage to Supply Rail vs. Load Current
0
5
10
15
20
25
30
35
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = 5V
AD8691_92 (V OL)
AD8694 (VDD – VOH)
AD8694 (VOL)
AD8691_92 (V DD – VOH)
Figure 12. Output Voltage Swing vs. Temperature (IL = 1 mA)
0
50
100
150
200
250
300
350
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = 5V
AD8691_92 (V OL)
AD8694 (VDD – VOH)
AD8694 (VOL)
AD8691_92 (V DD – VOH)
Figure 13. Output Voltage Swing vs. Temperature (IL = 10 mA)
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–40
–20
20
40
60
80
100
0
–90
–45
45
90
0
VS = ±2.5V, ±1.35V
RL = 2kΩ
CL = 15pF
Figure 14. Open-Loop Gain and Phase vs. Frequency
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
40
60
80
100
120
20
VS = 5V AND 2.7V
Figure 15. CMRR vs. Frequency
FREQUENCY (Hz)
0
40
60
80
100
120
20
10
100
1k
10k
100k
1M
10M
VS = 5V AND 2.7V
Figure 16. PSRR vs. Frequency


Similar Part No. - AD8692WARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8692WARMZ-REEL AD-AD8692WARMZ-REEL Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
More results

Similar Description - AD8692WARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com