Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1512071 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # 1512071
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

1512071 Datasheet(HTML) 5 Page - Silicon Laboratories

  1512071 Datasheet HTML 1Page - Silicon Laboratories 1512071 Datasheet HTML 2Page - Silicon Laboratories 1512071 Datasheet HTML 3Page - Silicon Laboratories 1512071 Datasheet HTML 4Page - Silicon Laboratories 1512071 Datasheet HTML 5Page - Silicon Laboratories 1512071 Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Bulletin #1512071
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev N
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 7
UART RX may overrun on simultaneous FIFO read/write
– Added notes regarding UART RX behavior in section 24.3.2 Data Reception on page 260.
Note: The UART Receive FIFO pointer can be corrupted if the UART receives a byte and firmware reads a
byte from the FIFO at the same time. When this occurs, firmware will lose the received byte and the FIFO
receive overrun flag (OVR0) will also be set to 1. Systems using the UART Receive FIFO should ensure that
the FIFO isn’t accessed by hardware and firmware at the same time. In other words, firmware should
ensure to read the FIFO before the next byte is received.
Included crystal oscillator electrical characteristics
– Added Table 5.8 Crystal Oscillator Electrical Characteristics on page 50. The table includes crystal
frequency and crystal drive current specifications.
This information was not documented in the data sheet before.
Use software-controlled startup sequence to reliably start crystal oscillator
– Added a note regarding surface mount crystals and drive current in section 19.4.1 External Crystal
Example on page 185
Note: Small surface mount crystals can have maximum drive level specifications that are exceeded by the
above XFCN recommendations. In these cases, a software-controlled startup sequence may be used to
reliably start the crystal using a higher XFCN setting, and then lowering the XFCN setting once the
oscillator has started to reduce the drive level and prevent damage or premature aging of the crystal. In
all cases, the drive level should be measured to ensure that the crystal is being driven within its
operational guidelines as part of robust oscillator system design. Contact technical support for additional
details and recommendations if using surface mount crystals with these devices.
No delay requirement after enabling VDD monitor and before enabling it as reset source
– Removed recommendations to introduce a delay after enabling the VDD Monitor before enabling it as a
reset source in 17.2 Power-Fail Reset/VDD Monitor on page 154.
The step "If necessary, wait for VDD monitor to stabilize" in the previous data sheet was removed.


Similar Part No. - 1512071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15120 ETC2-15120 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Chicago Miniature Lamp,...
15120350 CML-15120350 Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
15120351 CML-15120351 Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
15120352 CML-15120352 Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
1512035X CML-1512035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
More results

Similar Description - 1512071

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com