Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8UB20F32G-A-QFN32 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM8UB20F32G-A-QFN32
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8UB20F32G-A-QFN32 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM8UB20F32G-A-QFN32 Datasheet HTML 1Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bulletin #1504011
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev K
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
Bulletin Date: 4/1/2015
Bulletin Effective Date: 4/1/2015
Title: EFM8UB20 Revision 1.2 Data Sheet Update
Originator: Kafai Leung
Phone: +65 6511-7750
Dept: MCU Marketing
Customer Contact: Kathy Haggar
Phone: +1 512-532-5261
Dept: Sales
Bulletin Details
Description:
In Table 4.3, Reset and Supply Monitor, of the EFM8UB2 revision 1.2 data sheet, the Max Accuracy
columns have been updated to indicate 1 ms VDD Ramp Time.
Reason:
Silicon Labs is issuing this change notification to the EFM8UB2 data sheet in order to correct a
typographical error regarding the VDD Ramp Time listed in Table 4.3 Reset and Supply Monitor of the
data sheet.
Product Identification:
EFM8UB20F64G-A-QFP48
EFM8UB20F64G-A-QFP32
EFM8UB20F64G-A-QFN32
EFM8UB20F32G-A-QFP48
EFM8UB20F32G-A-QFP32
EFM8UB20F32G-A-QFN32
This change is considered a minor change which does not affect form, fit, function, quality, or
reliability. The information is being provided as a customer courtesy.
Please contact your local Silicon Labs sales representative with any questions about this notification.
A list of Silicon Labs sales representatives may be found at www.silabs.com
Customer Actions Needed:
Review data sheet 1.2


Similar Part No. - EFM8UB20F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB20F32G-A-QFN32 SILABS-EFM8UB20F32G-A-QFN32 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
More results

Similar Description - EFM8UB20F32G-A-QFN32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com