Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F574-IM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F574-IM
Description  This note already existed in the data sheet in the Reset Sources chapter, and it?셲 been added to additional locations to make it more prominent.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F574-IM Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F574-IM Datasheet HTML 1Page - Silicon Laboratories C8051F574-IM Datasheet HTML 2Page - Silicon Laboratories C8051F574-IM Datasheet HTML 3Page - Silicon Laboratories C8051F574-IM Datasheet HTML 4Page - Silicon Laboratories C8051F574-IM Datasheet HTML 5Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bulletin #1409081
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev I
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 4
Use VDD Monitor high setting only when writing Flash
– Updated step 4 in “VDD Maintenance and the VDD monitor” on page 130 to mention using the VDD
monitor in the high setting during flash write/erase operations.
This step previously mentioned using the VDD monitor, but did not specify that the VDD monitor must
be in the high setting in order to write to flash.
Note: When programming the Flash in-system, the VDD Monitor must be set to the high threshold
setting. For the highest system reliability, the time the VDD Monitor is set to the high threshold setting
should be
minimized (e.g., setting the VDD Monitor to the high threshold setting just before the Flash write
operation
and then changing it back to the low threshold setting immediately after the Flash write operation).
Set ZTCEN before entering oscillator suspend
– Updated the SUSPEND bit description in OSCICN (SFR Definition 18.2) to mention that firmware must
set the ZTCEN bit in REF0CN (SFR Definition 7.1) before entering suspend.
This information was already present as a note in section 15.3 Suspend Mode, and it’s been added to
the bit description to make it more prominent.
ZTCEN Zero Temperature Coefficient Bias Enable
Bit.
This bit must be set to 1b before entering
oscillator suspend mode.
IFRDY flag does not accurately reflect the state of the oscillator
– Added a note to the IFRDY flag in the OSCICN register (SFR Definition 18.2) that the flag may not
accurately reflect the state of the oscillator.
IFRDY Internal Oscillator Frequency Ready Flag.
Note: This flag may not accurately reflect the state of the oscillator. Firmware should not use this
flag to determine if the oscillator is running.
VREGIN ramp time max 1 ms for power on specification
– Added VREGIN Ramp Time max 1 ms for Power On spec to Table 5.4, “Reset Electrical
Characteristics,” on page 41.
– Updated “VDD Maintenance and the VDD monitor” on page 130 to refer to 1 ms VREGIN ramp time
instead of 1 ms VDD ramp time.
This specification was previously mentioned in the Flash Write and Erase Guidelines section. It is now
added to the electrical specifications to make it more prominent.
Limited cold programming temperature range for industrial grade (-I) devices


Similar Part No. - C8051F574-IM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F574-IM SILABS-C8051F574-IM Datasheet
2Mb / 302P
   Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
C8051F574-IM SILABS-C8051F574-IM Datasheet
1Mb / 303P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F574-IM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AOC-SLG3-2M2 ETC1-AOC-SLG3-2M2 Datasheet
947Kb / 19P
   The information in this user?셲 manual has been carefully reviewed and is believed to be accurate
STM32-P407 ETC2-STM32-P407 Datasheet
2Mb / 33P
   Introduction to the chapter
ES1500A ETC2-ES1500A Datasheet
457Kb / 2P
   This additional handset has been designed to operate with the ES1510A telephone system
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
logo
TE Connectivity Ltd
C-2151065 TEC-C-2151065 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151041 TEC-C-2151041 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151042 TEC-C-2151042 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151060 TEC-C-2151060 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151094 TEC-C-2151094 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
C-2151748 TEC-C-2151748 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com