Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si7013-A10-GM1 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si7013-A10-GM1
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-GM1 Datasheet(HTML) 1 Page - Silicon Laboratories

  Si7013-A10-GM1 Datasheet HTML 1Page - Silicon Laboratories Si7013-A10-GM1 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulletin #1506261
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev L
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
Bulletin Date: 6/26/2015
Bulletin Effective Date: 6/26/2015
Title: Si7006/7/13/20/21 Datasheet Improvements
Originator: Bill Simcoe
Phone: +1-512-532-5810
Dept: APS Marketing
Customer Contact: Kathy Haggar
Phone: +1-512-532-5261
Dept: Sales
Bulletin Details
Description:
The specification for humidity accuracy of Si7006-A10, Si7006-A20, Si7007-A10 and Si7007-A20 was
tightened to +/-5%RH maximum from 0% to 90%RH.
The following datasheet typographical errors were corrected:
- A typographical error was corrected in the table for I2C bit descriptions for READ and WRITE.
(Si7006/13/20/21-A20)
- A typographical error was corrected in the diagram for the I2C sequence to perform a measurement
and read back result (no hold master mode). (Si7006/13/20/21-A10 and Si7006/13/20/21-A20)
- A typographical error was corrected in Table 3, Footnote 2 to indicate the clock stretching is <50μs.
(Si7006/13/20/21-A10 and Si7006/13/20/21-A20)
- A typographical error was corrected for the humidity sensor accuracy in Table 4 for the Si7020-A20
datasheet.
Reason:
Tighten specifications for humidity accuracy of Si7006 and Si7007. Correct datasheet typographical
errors.
Product Identification:
Si7006-A20-IM
Si7006-A20-IMR
Si7006-A20-IM1
Si7006-A20-IM1R
Si7007-A20-IM
Si7007-A20-IMR
Si7007-A20-IM1
Si7007-A20-IM1R
Si7013-A20-GM
Si7013-A20-GMR
Si7013-A20-GM1
Si7013-A20-GM1R
Si7013-A20-IM
Si7013-A20-IMR
Si7013-A20-IM1
Si7013-A20-IM1R
Si7020-A20-GM
Si7020-A20-GMR
Si7020-A20-GM1
Si7020-A20-GM1R
Si7020-A20-IM
Si7020-A20-IMR


Similar Part No. - Si7013-A10-GM1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7013-A10-GM1 SILABS-Si7013-A10-GM1 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Si7013-A10-GM1R SILABS-Si7013-A10-GM1R Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results

Similar Description - Si7013-A10-GM1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com