Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1020T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJA1020T
Description  LIN transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1020T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJA1020T Datasheet HTML 4Page - NXP Semiconductors TJA1020T Datasheet HTML 5Page - NXP Semiconductors TJA1020T Datasheet HTML 6Page - NXP Semiconductors TJA1020T Datasheet HTML 7Page - NXP Semiconductors TJA1020T Datasheet HTML 8Page - NXP Semiconductors TJA1020T Datasheet HTML 9Page - NXP Semiconductors TJA1020T Datasheet HTML 10Page - NXP Semiconductors TJA1020T Datasheet HTML 11Page - NXP Semiconductors TJA1020T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2004 Jan 13
8
Philips Semiconductors
Product specification
LIN transceiver
TJA1020
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); all voltages are referenced to pin GND.
Notes
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω resistor.
2. Equivalent to discharging a 200 pF capacitor through a 10
Ω resistor and a 0.75 µH coil. In the event of a discharge
from pin INH to pin BAT:
−150V<Vesd(MM) < +150 V.
THERMAL CHARACTERISTICS
According to IEC60747-1.
QUALITY SPECIFICATION
Quality specification in accordance with
“AEC - Q100”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VBAT
supply voltage on pin BAT
−0.3
+40
V
VTXD, VRXD, VNSLP DC voltage on pins TXD, RXD and NSLP
−0.3
+7
V
VLIN
DC voltage on pin LIN
−27
+40
V
VNWAKE
DC voltage on pin NWAKE
−1
+40
V
INWAKE
current on pin NWAKE (only relevant if
VNWAKE <VGND − 0.3 V; current will flow into
pin GND)
−15
mA
VINH
DC voltage on pin INH
−0.3
VBAT + 0.3
V
IINH
output current at pin INH
−50
+15
mA
Vtrt(LIN)
transient voltage on pin LIN (ISO7637)
−150
+100
V
Tvj
virtual junction temperature
−40
+150
°C
Tstg
storage temperature
−55
+150
°C
Vesd(HBM)
electrostatic discharge voltage; human body
model
note 1
on pins NWAKE, LIN and BAT
−4+4
kV
on pins RXD, NSLP, TXD and INH
−2+2
kV
Vesd(MM)
electrostatic discharge voltage; machine
model; all pins
note 2
−200
+200
V
SYMBOL
PARAMETER
CONDITION
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in
SO8 package
in free air
145
K/W
Rth(j-s)
thermal resistance from junction to substrate
bare die
in free air
50
K/W


Similar Part No. - TJA1020T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1020T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com