Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51242 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 51242
Description  High reliability, solid state silicon pressure sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51242 Datasheet(HTML) 1 Page - Amphenol Corporation

  51242 Datasheet HTML 1Page - Amphenol Corporation 51242 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P122
High Silicon Pressure
Sensor Die
Features
• High reliability, solid state silicon pressure
sensors
• Available in absolute pressure version
• Standard pressure ranges: 1700, 3500,
17000, 21000, 35000 and 70000 kPaA
• Nonlinearity < 0.25% FSO BFSL
• 2X overpressure limit
Applications
• Process control systems
• Pneumatic controls
• Biomedical instruments
• Hydraulic systems
The P122 piezoresistive pressure sensors are
offered in a miniature 0.10 in x 0.10 in (2.5 mm x
2.5 mm) die. When excited with 1.0 mA, the P122
produces a millivolt output that is proportional
to input pressure. The P122 is available as an
absolute pressure sensor where the media
pressure is referenced to an internal vacuum
sealed in the die. With NovaSensor’s SenStable®
process, the P122 will provide very good long-term
stability and excellent repeatability.
Amphenol
Advanced Sensors


Similar Part No. - 51242

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51242-2000 MOLEX7-51242-2000 Datasheet
154Kb / 2P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock Dual Row, With Terminal Retainer Option, 20 circuits
51242-2000 MOLEX11-51242-2000 Datasheet
41Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51242-3000 MOLEX7-51242-3000 Datasheet
154Kb / 2P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock Dual Row, With Terminal Retainer Option, 30 circuits
51242-3000 MOLEX11-51242-3000 Datasheet
41Kb / 1P
   2.00mm Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive Lock, Dual
51242-3002 MOLEX7-51242-3002 Datasheet
154Kb / 2P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Receptacle Housing, Positive LockDual Row, With Terminal Retainer Option, 30 circuits, Red Color Housing
More results

Similar Description - 51242

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
   High reliability, solid state silicon pressure sensors
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
   High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
   Solid State Pressure Sensors
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
   Solid State Pressure Sensors
logo
Amphenol Corporation
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
   Highly reliable, solid state silicon pressure sensors
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com