Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1020 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TJA1020
Description  LIN transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1020 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TJA1020 Datasheet HTML 2Page - NXP Semiconductors TJA1020 Datasheet HTML 3Page - NXP Semiconductors TJA1020 Datasheet HTML 4Page - NXP Semiconductors TJA1020 Datasheet HTML 5Page - NXP Semiconductors TJA1020 Datasheet HTML 6Page - NXP Semiconductors TJA1020 Datasheet HTML 7Page - NXP Semiconductors TJA1020 Datasheet HTML 8Page - NXP Semiconductors TJA1020 Datasheet HTML 9Page - NXP Semiconductors TJA1020 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2004 Jan 13
6
Philips Semiconductors
Product specification
LIN transceiver
TJA1020
Setting pin NSLP HIGH during standby mode results in the
following events:
• An immediate reset of the wake-up source flag; thus
releasing the possible strong pull-down at pin TXD
before the actual mode change (after tgotonorm) is
performed
• A change into normal slope mode if the HIGH level on
pin NSLP has been maintained for a certain time period
(tgotonorm) while pin TXD is pulled HIGH
• A change into low slope mode if the HIGH level on pin
NSLP has been maintained for a certain time period
(tgotonorm) while pin TXD is pulled LOW either
deliberately driven by the microcontroller, or due to a
failure. In the event of a short-circuit to ground or an
open-wire on pin TXD, the LIN output remains recessive
(fail safe)
• A reset of the wake-up request signal on pin RXD if the
HIGH level on pin NSLP has been maintained for a
certain time period (tgotonorm).
Normal slope mode
In the normal slope mode the transceiver is able to
transmit and receive data via the LIN bus line. The receiver
detects the data stream at the LIN bus input pin and
transfers it via pin RXD to the microcontroller (see Fig.1):
HIGH at a recessive level and LOW at a dominant level on
the bus. The receiver has a supply voltage related
threshold with hysteresis and an integrated filter to
suppress bus line noise. The transmit data stream of the
protocol controller at the TXD input is converted by the
transmitter into a bus signal with controlled slew rate and
wave shaping to minimize EME. The LIN bus output pin is
pulled HIGH via an internal slave termination resistor. For
a master application an external resistor in series with a
diode should be connected between pin INH or BAT on
one side and pin LIN on the other side (see Fig.7).
Being in the sleep or standby mode, the TJA1020 enters
normal slope mode whenever a HIGH level on pin NSLP is
maintained for a time of at least tgotonorm provided its
preceding positive edge is executed while pin TXD is
already set to HIGH.
The TJA1020 switches to sleep mode in case of a LOW
level on pin NSLP, maintained during a certain time period
(tgotosleep) while pin TXD is already set to HIGH.
Low slope mode
The only difference between the normal slope mode and
the low slope mode is the transmitter behaviour.
In the low slope mode the transmitter output stage drives
the LIN bus line with lengthened rise and fall slopes. This
will further reduce the already outstanding EME in the
normal slope mode. The low slope mode is perfectly suited
for applications where transmission speed is not critical.
The mode selection is done by the LIN transceiver after a
positive edge on pin NSLP, maintained for a certain time
period (tgotonorm). If pin TXD is LOW at that time, the low
slope mode is entered, otherwise the normal mode is
entered. The transition to the low slope mode will be
executed during an open pin TXD (fail-safe), a short-circuit
from pin TXD to ground (fail-safe) or an intended LOW
level of pin TXD programmed by the microcontroller. The
transmitter is enabled after a LOW-to-HIGH transition on
pin TXD. In the event of a short-circuit to ground on pin
TXD, the transmitter will be disabled.
Wake-up
There are three ways to wake-up a TJA1020 which is in
sleep mode:
1. Remote wake-up via a dominant bus state
2. Local wake-up via a negative edge at pin NWAKE
3. Mode change (pin NSLP is HIGH) from sleep mode to
normal slope/low slope mode.
Remote and local wake-up
A falling edge at pin NWAKE followed by a LOW level
maintained for a certain time period (tNWAKE) results in a
local wake-up. The pin NWAKE provides an internal
pull-up towards pin BAT. In order to prevent EMI issues, it
is recommended to connect an unused pin NWAKE to
pin BAT.
If, during power-up, pin NWAKE is LOW for a certain
period of time (tNWAKE) this will also result in a local
wake-up.
A falling edge at pin LIN followed by a LOW level
maintained for a certain time period (tBUS) and a rising
edge at pin LIN respectively (see Fig.4) results in a remote
wake-up.
After a local or remote wake-up pin INH is activated (it
goes HIGH) and the internal slave termination resistor is
switched on. The wake-up request is indicated by a LOW
active wake-up request signal on pin RXD to interrupt the
microcontroller.


Similar Part No. - TJA1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1020U PHILIPS-TJA1020U Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
More results

Similar Description - TJA1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com