Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4131IDGK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131IDGK
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131IDGK Datasheet(HTML) 5 Page - Texas Instruments

  THS4131IDGK Datasheet HTML 1Page - Texas Instruments THS4131IDGK Datasheet HTML 2Page - Texas Instruments THS4131IDGK Datasheet HTML 3Page - Texas Instruments THS4131IDGK Datasheet HTML 4Page - Texas Instruments THS4131IDGK Datasheet HTML 5Page - Texas Instruments THS4131IDGK Datasheet HTML 6Page - Texas Instruments THS4131IDGK Datasheet HTML 7Page - Texas Instruments THS4131IDGK Datasheet HTML 8Page - Texas Instruments THS4131IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage range
Single supply
4
33
V
VCC
Supply voltage range
Split supply
±2
±16.5
V
VCC = ± 5 V
TA = 25°C
12.3
15
ICC
Quiescent current
VCC = ± 5 V
TA = full range
16
mA
ICC
Quiescent current
VCC = ± 15 V
TA = 25°C
14
mA
ICC(SD)
Quiescent current (shutdown) (THS4130 only)
VPD = −5 V
TA = 25°C
0.86
1.4
mA
ICC(SD)
Quiescent current (shutdown) (THS4130 only)
VPD = −5 V
TA = full range
1.5
mA
PSRR
Power supply rejection ratio (dc)
TA = 25°C
73
98
dB
PSRR
Power supply rejection ratio (dc)
TA = full range
70
dB
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Small signal frequency response
1, 2
Small signal frequency response (various supplies)
3
Small signal frequency response (various CF)
4
Small signal frequency response (various CL)
5
Large signal transient response (differential in/single out)
6
Large signal frequency response
7
CMMR
Common mode rejection ratio
vs Frequency
8
ICC
Supply current
vs Free-air temperature
9
ICC
Supply current
vs Free-air temperature (shutdown state)
10
IIB
Input bias current
vs Free-air temperature
11
Settling time
12
PSRR
Power supply rejection ratio
vs Frequency (differential out)
13
Large signal transient response
14
THD
Total harmonic distortion
vs Frequency
15
Second harmonic distortion
vs Frequency
16, 17
Second harmonic distortion
vs Output voltage
18, 19
Third harmonic distortion
vs Frequency
20, 21
Third harmonic distortion
vs Output voltage
22, 23
Vn
Voltage noise
vs Frequency
24
In
Current noise
vs Frequency
25
V(OS)
Input offset voltage
vs Common-mode output voltage
26
VO
Output voltage
vs Differential load resistance
27
zo
Output impedance
vs Frequency
28


Similar Part No. - THS4131IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4131IDGK TI-THS4131IDGK Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4131IDGKG4 TI-THS4131IDGKG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4131IDGKR TI-THS4131IDGKR Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131IDGKR NSC-THS4131IDGKR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4131IDGKRG4 TI-THS4131IDGKRG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4131IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com