Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4131IDGK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131IDGK
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131IDGK Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4131IDGK Datasheet HTML 5Page - Texas Instruments THS4131IDGK Datasheet HTML 6Page - Texas Instruments THS4131IDGK Datasheet HTML 7Page - Texas Instruments THS4131IDGK Datasheet HTML 8Page - Texas Instruments THS4131IDGK Datasheet HTML 9Page - Texas Instruments THS4131IDGK Datasheet HTML 10Page - Texas Instruments THS4131IDGK Datasheet HTML 11Page - Texas Instruments THS4131IDGK Datasheet HTML 12Page - Texas Instruments THS4131IDGK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−100
−90
−80
−70
−60
−50
−40
10 k
100 k
1 M
10 M
100 M
VCC = 5 V
VCC = − 5 V
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY (DIFFERENTIAL OUT)
f − Frequency (Differential Out) − Hz
Gain = 1,
Rf = 330 Ω,
RL = 400 Ω
Figure 13
Figure 14
−2.5
−2
−1.5
−1
−5
0
5
1
1.5
2
2.5
0
40
80
120
160
200
VO+
VO−
t − Time − nS
G = 1,
Rf = 390 Ω,
RL = 800 Ω,
CF = 0 pF,
CL = 10 pF,
VI_Peak = 2 V,
VCC = ± 15 V
TA = 25°C
LARGE SIGNAL TRANSIENT RESPONSE
−100
−90
−80
−70
−60
−50
−40
−30
−20
100k
1M
10M
VOUT = 2 VPP
VCC = 5 V to ± 5 V
VCC = ± 15 V
Figure 15
f − Frequency − Hz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY


Similar Part No. - THS4131IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4131IDGK TI-THS4131IDGK Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4131IDGKG4 TI-THS4131IDGKG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4131IDGKR TI-THS4131IDGKR Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131IDGKR NSC-THS4131IDGKR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4131IDGKRG4 TI-THS4131IDGKRG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4131IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com