Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6703 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 6703
Description  An affordable gas sensing solution for OEMs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

6703 Datasheet(HTML) 2 Page - Amphenol Corporation

  6703 Datasheet HTML 1Page - Amphenol Corporation 6703 Datasheet HTML 2Page - Amphenol Corporation 6703 Datasheet HTML 3Page - Amphenol Corporation 6703 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Telaire 6703 series CO2
ModuleSpecifications
Method
Non Dispersive Infrared (NDIR), gold plated optics,
diffusion sampling (with Telaire’s Patented ABC
Logic Self Calibrated Algorithm)
Measurement Range (2)
0 to 5000 ppm
Dimensions
1.18 in X 0.61 in X 0.34 in
(30 mm X 15.6 mm X 8.6 mm)
Accuracy (1)
400-5000 ppm ± 75 ppm or 10% of reading,
whichever is greater
Temperature Dependence
5 ppm per °C or 0.5% of the reading per °C,
whichever is greater
Stability
< 2% of FS over life of sensor (15 years typical)
Pressure Dependence
0.13% of reading per mm Hg
Calibration Interval
Not required
Response Time
< 3 minutes for 90% step change typical
Signal Update
Every 5 seconds
Warm Up Time
•<2minutes(operational)
•10minutes(maximumaccuracy)
Operating Conditions
•14°Fto140°F(-10°Cto60°C)
•0to95%RH,non-condensing
Storage Conditions
-22°F to 158°F (-30°C to 70°C)
Output
Digital (3)
I2C slave up to 100 kHz
UART @ 19200 Baud w/Modbus support
PWM Output Mode
Two options, cycle period 1002 ms
(~1Hz) or 40 us (25kHz)
Power Supply Requirements (4)
•4.5-5.5VDC
•Peak200mA(155mAtypical)
•Average25mA(20mAtypical)
Interface Connections
Designed for male header with 0.1 in (2.54mm)
spacing Header not included.
All dimensions in millimeters (mm)
Notes:
(1) Tolerance based on span gas of ±2%, which
adds to the uncertainty, tested at Standard
Ambient Temperature and Pressure (SATP).
(2) Subjecting sensors to environments
less than 400 ppm may affect accuracy
due to ABC Logic algorithm.
(3) Pleasecallfordetailedproductspecifications.
(4) Basedonnominal5VDCinputvoltage.
For best performance, DC supply should
be a regulated, low noise power source.


Similar Part No. - 6703

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6703 FILTRONIC-6703 Datasheet
148Kb / 3P
   PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6703 APITECH-6703 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
Bourns Electronic Solut...
6703-RC BOURNS-6703-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
logo
Pomona Electronics
6703A POMONA-6703A Datasheet
62Kb / 2P
   HDTV, 75 Ohm BNC Connector for RG-6/U
More results

Similar Description - 6703

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T6713 AMPHENOL-T6713 Datasheet
119Kb / 4P
   An affordable gas sensing solution for OEMs
T6613 AMPHENOL-T6613 Datasheet
85Kb / 4P
   An affordable gas sensing solution for OEMs
T6615 AMPHENOL-T6615 Datasheet
80Kb / 4P
   An affordable gas sensing solution for OEMs
logo
List of Unclassifed Man...
GT-526S ETC2-GT-526S Datasheet
50Kb / 2P
   The Affordable Six Channel Solution
logo
Kingston Technology Far...
DT100G3 KINGSTON-DT100G3 Datasheet
371Kb / 2P
   An affordable transition to USB 3.0.
logo
Renesas Technology Corp
SMOD701 RENESAS-SMOD701 Datasheet
506Kb / 11P
   Hydrogen Gas Smart Sensing Module
Rev.1.1 Apr 13, 2021
SMOD711 RENESAS-SMOD711 Datasheet
727Kb / 10P
   Flammable Gas Smart Sensing Module
August 9, 2017
logo
Texas Instruments
BQ4050 TI1-BQ4050 Datasheet
3Mb / 53P
[Old version datasheet]   CEDV Gas Gauge and Protection Solution
logo
Freescale Semiconductor...
MCF51JE256 FREESCALE-MCF51JE256 Datasheet
658Kb / 47P
   An Energy-Efficient Solution from Freescale
logo
Future Technology Devic...
VDRIVE2 FTDI-VDRIVE2 Datasheet
935Kb / 8P
   an easy solution for adding a USB Flash disk interface to an existing product
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com