Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA2214QBS-AMT Datasheet(PDF) 7 Page - Kingbright Corporation

Part # AA2214QBS-AMT
Description  Low power consumption
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA2214QBS-AMT Datasheet(HTML) 7 Page - Kingbright Corporation

  AA2214QBS-AMT Datasheet HTML 1Page - Kingbright Corporation AA2214QBS-AMT Datasheet HTML 2Page - Kingbright Corporation AA2214QBS-AMT Datasheet HTML 3Page - Kingbright Corporation AA2214QBS-AMT Datasheet HTML 4Page - Kingbright Corporation AA2214QBS-AMT Datasheet HTML 5Page - Kingbright Corporation AA2214QBS-AMT Datasheet HTML 6Page - Kingbright Corporation AA2214QBS-AMT Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPEC NO: DSAL4009
REV NO: V.1
DATE: NOV/22/2010
PAGE: 7 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.H.HAN
ERP: 1201007405
Failure Criteria
Items
Symbols Conditions
Failure Criteria
luminous Intensity
lv
IF = 20mA
Testing Min. Value <Spec.Min.Value x 0.5
Forward Voltage
VF
IF = 20mA
Testing Max. Value Spec.Max.Value x 1.2
Reverse Current
IR
VR = Maximum Rated Reverse Voltage
Testing Max. Value Spec.Max.Value x 2.5
High temp. storage test
-
-
Occurrence of notable decoloration, deformation
and cracking
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below
Lot Tolerance Percent Defective (LTPD) : 10%
No. Test Item
Standards
Test Condition
Test Times /
Cycles
Number of
Damaged
1
Continuous operating test
-
Ta =25°C ,IF = maximum rated current*
1,000 h
0 / 22
2
High Temp. operating test
EIAJED-
4701/100(101)
Ta = 100°C IF = maximum rated current*
1,000 h
0 / 22
3
Low Temp. operating test
-
Ta = -40°C, IF = maximum rated current*
1,000 h
0 / 22
4
High temp. storage test
EIAJED-
4701/100(201)
Ta = maximum rated storage temperature
1,000 h
0 / 22
5
Low temp. storage test
EIAJED-
4701/100(202)
Ta = -40°C
1,000 h
0 / 22
6
High temp. & humidity storage test
EIAJED-
4701/100(103)
Ta = 60°C, RH = 90%
1,000 h
0 / 22
7
High temp. & humidity operating test
EIAJED-
4701/100(102)
Ta = 60°C, RH = 90%
IF = maximum rated current*
1,000 h
0 / 22
8
Soldering reliability test
EIAJED-
4701/100(301)
Moisture soak : 30°C,70% RH, 72h
Preheat : 150~180°C(120s max.)
Soldering temp : 260°C(10s)
3 times
0 / 18
9
Thermal shock operating test
-
Ta = -40°C(15min) ~ 100°C(15min)
IF = derated current at 100°C
1,000 cycles
0 / 22
10 Thermal shock test
-
Ta = -40°C(15min) ~ maximum rated
storage temperature(15min)
1,000 cycles
0 / 22
11 Electric Static Discharge (ESD)
EIAJED-
4701/100(304)
C = 100pF , R2 = 1.5KΩ V = 250V
Once each
Polarity
0 / 22
12 Vibration test
-
a = 196m/s² , f = 100~2KHz ,
t = 48min for all xyz axes
4 times
0 / 22
* :
Refer to forward current vs. derating curve diagram


Similar Part No. - AA2214QBS-AMT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2214QBS-D KINGBRIGHT-AA2214QBS-D Datasheet
297Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AA2214QBS-D TO-GRACE-AA2214QBS-D Datasheet
873Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
logo
Kingbright Corporation
AA2214QBS-D-AMT KINGBRIGHT-AA2214QBS-D-AMT Datasheet
332Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA2214QBS-D-AMT TO-GRACE-AA2214QBS-D-AMT Datasheet
952Kb / 5P
   2.2 x 1.4 mm Surface Mount LED Lamp
AA2214QBS-G TO-GRACE-AA2214QBS-G Datasheet
876Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
More results

Similar Description - AA2214QBS-AMT

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com