Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150-00027 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 150-00027
Description  Emergency Voice Evacuation System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

150-00027 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  150-00027 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 150-00027 Datasheet HTML 2Page - Gamewell-FCI by Honeywell 150-00027 Datasheet HTML 3Page - Gamewell-FCI by Honeywell 150-00027 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: 203-484-7161 - Fax: 203-484-7118
www.gamewell.fci.com
9020-0532 Rev. D1 page 2 of 4
FVIV-X70
The FVIV-X70 optional module is used to
convert the standard speaker circuit voltage
output from 25 VRMS to 70 VRMS. This is useful
in situations where the speakers circuits must
run for longer distances. Note that speakers
at 70 VRMS are not power-limited and must be
separated from power-limited circuits by at
least 1/4 inch.
FVIV-RM
The FVIV-RM Remote Microphone Station
enhances operation of the system by provid-
ing voice paging from a remote location up to
5,000 feet away. Only four wires (shielded,
18 AWG minimum) are required between the
FireVac®IV and the FVIV-RM. The FVIV-RM
is fully supervised by the FireVac®IV. Simply
key the microphone to activate the Fire-
Vac®IV in an “ALL-Call” fashion to page over
all speakers.
The FVIV-RM comes complete with its own
cabinet with dimensions of 10 1/4” H x 10
3/8” W x 3 1/8” D (26.04 x 26.35 x 7.94 cm).
System Operation
The operation of a fire alarm initiating device (i.e.
smoke detectors, manual stations, water-flow
switches, etc.) connected to the fire alarm control
panel will cause a either a reverse polarity signal or
a dry contact closure to be sent to the FireVac®IV.
If the optional FVIV-ZS is installed, the fire alarm
control panel will also provide up to four normally
open dry contact outputs that will close to activate
the appropriate speaker circuit. In response, the
FireVac®IV will:
1. Sound an alarm tone (DIP switch selectable) over the
speaker circuit(s).
2. Produce a recorded message that will play in alterna-
tion with the selected tone.
3. Override both tone and pre-recorded message and
broadcast voice commands from the local or remote
microphones.
The FireVac®IV provides two (2), separate mes-
sages that may be field configured using the op-
tional 7780 program.
Optional Modules (FVIV-ZS)
An ideal solution for installations that require zoned
speaker circuit activation, the FVIV-ZS provides
four separate, individually activated speaker cir-
cuits. The FVIV-ZS features a switch for manual
activation of each speaker circuit as well as an ad-
dition switch for “All-Call” paging.
Interface with the fire alarm control panel is
achieved through normally open relays provided
by the main control panel. The FVIV-ZS responds
to closures across its input terminals to activate the
appropriate speaker circuit.
SP+
S P–
S P4+
SP4–
SPR4+
S PR4–
SP3+
SP3–
S PR3–
SPR3+
S P1+
SP1–
SPR1+
S PR1–
SP2+
SP2–
SPR2+
S PR2–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
ALL-CALL
ACTIVE
TROUBLE
–+
OUT
–+
IN
70.7 VRMS SPK
FROM CONTROL
TO SPLITTER


Similar Part No. - 150-00027

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
150-000-02-50 MARL-150-000-02-50 Datasheet
296Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
More results

Similar Description - 150-00027

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
GWACCZ GAMEWELL-FCI-GWACCZ Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
logo
Ultralife Corporation.
UB0029 ULTRALIFE-UB0029 Datasheet
636Kb / 2P
   Emergency call system back-up power
Rev: -
logo
Tripp Lite. All Rights ...
SRCOOLTMVENT TRIPPLITE-SRCOOLTMVENT Datasheet
46Kb / 2P
   Emergency Fallback Ventilation System for SRCOOL3KTP Air Conditioner
logo
LinkCom Manufacturing C...
FSM000100005-P3 LINKCOM-FSM000100005-P3 Datasheet
126Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-P22 LINKCOM-FSM000100006-P22 Datasheet
124Kb / 1P
   LED EVACUATION SIGNS SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com