Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7100-1-PNL Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 7100-1-PNL
Description  Compact Analog Addressable Fire Alarm Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

7100-1-PNL Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  7100-1-PNL Datasheet HTML 1Page - Gamewell-FCI by Honeywell 7100-1-PNL Datasheet HTML 2Page - Gamewell-FCI by Honeywell 7100-1-PNL Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0466 Rev. N page 2 of 3
www.gamewell-fci.com
Optional Accessories
LCD-7100
The LCD-7100 remote serial display offers an 80-character
alphanumeric readout for the remote display of all system
events. It duplicates all the information on the 7100 Series
panel display and provides key switch protected functions
such as System Reset, Alarm Acknowledge, Trouble
Acknowledge, Signal Silence, and Drill Test.
LEDs on the LCD-7100 indicate Alarm, Supervisory, Sys-
tem Trouble, Power Fault, Systems Silenced, NAC#1, and
NAC#2 Silenced conditions.
The LCD-7100 can be surface or semi-flush mounted on a
standard four-gang electrical box. It can be installed up to
3,000 feet (914.4 m) from the main control panel. The 7100
Series fire alarm control panel supports up to five remote
LCD-7100 annunciators using one pair of twisted, non-
shielded 18 AWG min. wire or serial communication and
uses another pair of 16 AWG min. for operating voltage.
(For additional information, refer to the LCD-7100 data
sheet, Part Number: 9020-0486).
RAN-7100
The RAN-7100 maintains the same character display as
the 7100 Series. The RAN-7100 is mounted in a RAN2-BB
backbox for surface or flush mounting retrofits.
(For additional information, refer to the Gamewell Retrofit
Kits Data Sheet, P/N: 9020-60678).
CAOM
The Class “A” Optional Module (CAOM) allows Style Y and
Z (Class “B” and “A”) operation for both Notification Appli-
ance Circuits and allows Style 4 and 6 (Class “B” and “A”)
for the Signaling Line Circuit. It also provides a disconnect
switch for the signaling line circuit and a common discon-
nect switch for both notification appliance circuits.
MCOM
The Municipal Connection Option Module (MCOM) pro-
vides three choices of outputs. It can be configured as a
Municipal Circuit (City Box) output. It may also be set to
serve as a Reverse Polarity output with a nominal voltage
output of 24 VDC at 0.012 amp maximum alarm and
supervisory current. The MCOM’s third option provides a
releasing solenoid output rated at:
• 24 VDC nominal voltage.
• 0.005 amp supervisory current.
• 0.710 amp maximum alarm current.
• 2 ohms maximum line resistance.
PTRM
The Printer Transient Module (PTRM) provides RS-232
Isolator/Transient protection for the 7100’s RS-232 port
(BSM connector J2). It is used in conjunction with a serial
printer applied to the RS-232 port for permanent record
keeping.
INI-7100
The Intelligent Network Interface Module allows the 7100
Series fire alarm control panel to become the platform of a
peer-to-peer, token ring, self-regenerative network com-
prised of up to 64, 7100 panels.
Features (Continued)
• Four levels of system access using six digit passwords
with up to five user passwords per Level.
• Duplicate and extra address indications.
• March time (60 or 120 BPM)/temporal pattern/coded
fours/California Code/user-defined zone coding.
• Cross zoning.
• System configuration programming and 280 event log
stored in non-volatile memory.
• Fan restart with sequential restart delay.
• Upload/download of panel configuration between panel
and CAMWorks program (password protected feature).
• Up to 64, 7100 panels in the E3 Broadband network
with an optional INI-7100 Module.
Specifications
Primary Input Power 120 VAC, 50/60 Hz @ 2.0 amps.
or 240 VAC, 50/60 Hz @ 1.0 amp
Output Power
3.335 amps. @ 24 VDC (total)
Non-resettable Power: 1.0 amp max.
Resettable Power:
1.0 amp max.
1.0 amp max. from both power
circuits
Two Notification
Appliance Circuits:
1.5 amp each @ 24 VDC
Current:
Supervisory
Alarm
7100-1 (One SLC)
0.065 amp
0.085 amp
7100-1D
(One SLC w/DACT)
0.075 amp
0.095 amp
LCD-7100
0.050 amp
0.075 amp
INI-7100-UTP,-FO
0.040 amp
0.040 amp
Operating
Temperature:
32° - 120° F (0° - 49° C)
Relative Humidity:
93 % (non-condensing)
Battery Charger
Capacity:
31 A/H (Cabinet accommodates
12 A/H size batteries)
Alarm & Trouble
Relay Contacts:
Form “C”, 2 amps. @ 24 VDC
(resistive)


Similar Part No. - 7100-1-PNL

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
7100-1-100-36 KENDALLHOWARD-7100-1-100-36 Datasheet
2Mb / 2P
   PERFORMANCE PLUS HEAVY DUTY WORKBENCHES
More results

Similar Description - 7100-1-PNL

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com