Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0805Y221ZBNBT Datasheet(PDF) 4 Page - API Technologies Corp

Part # SF0805Y221ZBNBT
Description  Surface Mount EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0805Y221ZBNBT Datasheet(HTML) 4 Page - API Technologies Corp

  SF0805Y221ZBNBT Datasheet HTML 1Page - API Technologies Corp SF0805Y221ZBNBT Datasheet HTML 2Page - API Technologies Corp SF0805Y221ZBNBT Datasheet HTML 3Page - API Technologies Corp SF0805Y221ZBNBT Datasheet HTML 4Page - API Technologies Corp SF0805Y221ZBNBT Datasheet HTML 5Page - API Technologies Corp SF0805Y221ZBNBT Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM5
Surface Mount EMI Filters
Three Terminal Chips
T
LE
LM
LE
L
W
Mechanical Dimensions
Dimensions in inches
(mm)
Ordering Information
Example:
SF0805C221SBNCT
This part number represents a three terminal chip with
a body size of 0805 with a COG (NPO) dielectric. The
capacitance is 220 pF with a capacitance tolerance of
+50%/-20%. Voltage rating is 50 Volts DC. It has nickel
barrier, solder plated terminations and a current rating of
0.4 Amp, (400 milliamps). The parts are taped and reeled.
SF 0805 C 221 S
B
N
CT
Style
Size Ceramic Capacitance Capacitance Rated Termination Current Packaging
Code Tolerance Voltage(Vdc)
Rating
SF
0603 C-COG Firsttwo S-+50%/-20% A-25 N-NiBarrier, B- 0.3A T-Tape
0805 X-X7R numbersare Z-+80%/-20% B-50
Solder
C- 0.4A
& Reel
1205 Y-Y5V significant,
D-100
Plated
D- 1A B-Bulk
1806
the third
E- 2A
number
F- 3A
refers to
G- 4A
number of
H- 5A
zeroes
I- 6A
End
Middle
Body
Body
Body
Terminal
Terminal
Body
Length
Width
Thickness
Length
Length
Style/Size
(L)
(W)
(T)
(LE)
(LM)
0.063 +/-0.006
0.031 +/-0.006
0.023 +/-0.006
0.008 +/-0.006
0.020 +/-0.006
SF0603
(1.60 +/-0.15)
(0.80+/-0.15)
(0.6+/-0.15)
(0.2 +/-0.15)
(0.5 +/-0.15)
SF0805
0.079 +/-0.008
0.049 +/-0.008
0.032 +/-0.008
0.012 +/-0.008
0.024 +/-0.008
(2.0 +/-0.2)
(1.25 +/-0.2)
(0.8 +/-0.2)
(0.3 +/-0.2)
(0.6 +/-0.2)
SF1205
0.126 +/-0.008
0.049 +/-0.008
0.028 +/-0.008
0.016 +/-0.012
0.043 +/-0.012
(3.2 +/-0.2)
(1.25 +/-0.2)
(0.7 +/-0.2)
(0.4 +/-0.3)
(1.1 +/-0.3)
SF1806
0.177 +/-0.012
0.063 +/-0.012
0.039 +/-0.012
0.020 +/-0.012
0.055 +/-0.012
(4.5 +/-0.3)
(1.6 +/-0.3)
(1.0 +/-0.3)
(0.5 +/-0.3)
(1.4 +/-0.3)


Similar Part No. - SF0805Y221ZBNBT

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0805C101SBNC APITECH-SF0805C101SBNC Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805C220SBNC APITECH-SF0805C220SBNC Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805C221SBNC APITECH-SF0805C221SBNC Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805C470SBNC APITECH-SF0805C470SBNC Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805X102SBNC APITECH-SF0805X102SBNC Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results

Similar Description - SF0805Y221ZBNBT

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com