Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC00566 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # FC00566
Description  Portable Fire Fighter?셲 Telephone Handset and Cabinet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC00566 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FC00566 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC00566 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2014 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0667 Rev. E page 1 of 2
Portable Fire Fighter’s Telephone
Handset and Cabinet
Fire Fighter’s
Handset
Approved
FDNY:
COA-#6077
MEA
SIGNALING
S1949
7165-1703:0125
Description
The ETC Emergency Telephone Cabinet, Fire
Fighter’s Handset provides two-way emergency tele-
phone communication between fire fighters and
other authorized personnel for a life safety system. It
is designed for use with a variety of life safety control
systems. An added benefit is easy integration with
systems that have addressable and zone telephone
circuits in a single, flexible product package.
Typically, it is installed in corridors, lobbies, mechani-
cal control centers, stairways and other strategic
locations in a facility. When the handset is lifted from
the cradle, it activates a visible indication (LED) that
contact has positively initiated. The ETC phone is
ready for the operator to communicate with the sys-
tem that is connected to the building fire fighter
emergency telephone communications system. It is
field configurable for different voltage operations for
both supervised and non-supervised systems. The
unit has a red epoxy finish with enhanced graphics in
white indelible ink permanently marked for identifica-
tion. It also includes optional surface or flush mount-
ing with no visible hardware.
Model FHS Portable
Fire Fighter’s Telephone Handset
This handset comes with a coiled cord. The attached
plug fits the Fire Fighter’s Phone Jack, Model FPJ,
that allows fire fighters to make direct communica-
tions with a central control area.
Figure 1 Fire Fighter’s Handset
UL® is a registered trademark of Underwriter’s Laboratories Inc.
Features
Listed under UL® Standard UL2572 for Mass Notifica-
tion
Durable, red finish and 16”
(41 cm) gauge steel construc-
tion
Surface or flush backbox
No tools required - use slide pins to insert the remov-
able door
Offers clearly marked, raised clamp terminals for field
wiring
Key lock or break glass access
Two cabinet door options:
- Key lock latch door
- NYC warden station magnetic latch door with pull
handle
Overall backbox dimensions 9” W x 13” H x 4” D
(23 x 33 x 10 cm) includes a 1” (2.5 cm) extension
flange
Complies with the ADA standards for surface-mount
Multiple voltages / supervised polarity equipped
ETC with Key Lock Latch
ETC with Pull Handle Magnetic Latch


Similar Part No. - FC00566

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
   Enclosure, surface or recessed
More results

Similar Description - FC00566

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
30045 GAMEWELL-FCI-30045 Datasheet
61Kb / 2P
   Fire Fighter Phone Accessories
logo
Adam Technologies, Inc.
MTJP-616P-X-A2-2 ADAM-TECH-MTJP-616P-X-A2-2 Datasheet
99Kb / 1P
   HANDSET TELEPHONE JACK
MTJP-648-K6-X-C5-1 ADAM-TECH-MTJP-648-K6-X-C5-1 Datasheet
116Kb / 1P
   HANDSET TELEPHONE JACK
logo
List of Unclassifed Man...
YMU759 ETC-YMU759 Datasheet
394Kb / 18P
   SYNTHESIS LSI FOR PORTABLE TELEPHONE
ES1500A ETC2-ES1500A Datasheet
457Kb / 2P
   This additional handset has been designed to operate with the ES1510A telephone system
logo
Rohm
BH3890FV ROHM-BH3890FV Datasheet
298Kb / 3P
   Charging control driver IC for Portable telephone BH3890FV
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
   Wireless and Satellite Handset Power-Management ICs
logo
Gamewell-FCI by Honeywe...
E3BB-BAA GAMEWELL-FCI-E3BB-BAA Datasheet
86Kb / 3P
   Combined Fire and MNS System
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Kendall Howard
ESDC-7836-2000 KENDALLHOWARD-ESDC-7836-2000 Datasheet
502Kb / 1P
   ESD CABINET AND ACCESSORIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com