Electronic Components Datasheet Search |
|
ANX-MR-FO Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell |
|
ANX-MR-FO Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell |
2 / 5 page GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 9020-0613 Rev. M page 2 of 5 www.gamewell-fci.com Description (Continued) The Field Configuration Program (FCP) is based on Bool- ean logic statements providing AND, OR, NOT, and XOR logic operators. These operators can be combined to pro- duce additional Boolean operators such as NAND, NOR, XNOR. The E3 Series Broadband is software-programma- ble for multi-channel digital audio applications. It is ideal for use with a wide range of complex system applications including high-rise or campus installations. An array of cabinets allows for neat, compact, installations. A comprehensive set of timing functions can be attached to any input/output logic statement for the staggered reset of fan control relays, time-delayed alarm activation, auto- matic. The E3 is a microprocessor-based fire alarm control panel that uses an ILI-E3/ILI95-E3 Series, Intelligent Loop Module or the ANX with two signaling line circuits and two notification appliance circuits. When the E3 Series trans- mits to remote locations, the optional RPT-E3 provides the ILI-E3/ILI95-E3 Series or the ANX with signal boosting and transient protection, as well as connectivity for both wire and fiber-optic cables. Options also include an integral Digital Alarm Communicator Transmitter (DACT) support- ing most popular reporting formats. INCC (Intelligent Network Command Center) The Intelligent Network Command Center (INCC) serves as the point of interface between an operator and the sys- tem’s audio evacuation, fire fighter intercom, and building network. The INCC occupies a single address on the E3 Series Broadband network. A typical INCC assembly con- sists of the following: • Intelligent Network Interface-Voice Gateway (INI-VGC- FO or INI-VGC-UTP) module (fiber-optic or unshielded twisted-pair). • INI-VGC-UTP (unshielded twisted-pair only). • One or more Addressable Switch Modules (ASM-16). • Optional Network Graphic Annunciator (NGA). • Remote 48 LED driver module (ANU-48). Other component options include a paging microphone and a fire fighter’s handset connecting to the INI-VGC-FO or INI-VGC-UTP. Each INI-VGC can support up to 16 ASM-16 modules. Each ASM-16 has 16 push-button switches for a maximum capacity of 256 switches per INI-VGC command center. Each switch has three associated LEDs, colored green, yellow, and red. These switches and their LEDs are fully programmable to serve any system function desired.They can control audio speaker circuits, notification appliance circuits, addressable relay outputs, fire fighter phone con- trol circuits, or any other special application that might be required. Multiple INCCs can be configured into the E3 Series Broadband network to serve as a completely independent command center to operate for the local area or to operate as remote command centers mimicking, in part or in whole, the function of a main command center. INX (Intelligent Network Transponder) The Intelligent Network Transponder (INX) acts as a network audio transponder for the E3 Series Broadband Network. The INX transponder serves as the point of distri- bution for the system’s audio and fire fighter telephone cir- cuits and occupies a single node on the E3 Series Broadband network. A typical INX assembly consists of the following compo- nents: • ILI-MB-E3/ILI95-MB-E3 • ILI-S-E3/ILI95-S-E3 • ANX • PM-9/PM-9G power supply • INI-VGX Module • Up to four AM-50 Series amplifiers The INX transponder occupies a single address on the network and provides termination points for the network connection using either a pair of unshielded twisted-pair wire or fiber-optic cable. The INX transponder receives its power from a PM-9/PM- 9G, 9 ampere, filtered, switching power supply providing 24 VDC nominal operating voltage. The PM-9/PM-9G has an integral standby battery charger capable of recharging up to 55 A/H batteries. The E3BB-BB-BC/INX cabinet can house up to 18 A/H sized batteries. INI-VGX (Intelligent Network Interface-Voice Gateway) The INI-VGX uses advanced Digital Signal Processing (DSP) technology for audio compression and filtering allowing the E3 Series Broadband to produce the clearest audio possible while conserving network bandwidth for instantaneous response. Background noise is automati- cally filtered during voice paging and fire fighter communi- cations increasing audibility and eliminating the need for push-to-talk devices. The INI-VGX can accommodate up to 16 different mes- sages with a total combined duration of three minutes. Each message can be field installed via a laptop computer and can be in the form of a voice message or an evacua- tion tone. The INI-VGX also provides a fire fighter phone riser and an addressable signaling line circuit connecting to multiple phone jacks or warden stations through as many as 16 AOM-TELF modules. In addition, the INI-VGX SLC can support up to 32 speaker circuits using the AOM-2SF for single channel applications. AM-50 Series Amplifiers The INX or INX CAB-B cabinet can contain up to four AM- 50 Series amplifiers that produce 50 watts of power @ either 25 VRMS or 70.7 VRMS audio output. Each amplifier includes two separate speaker circuits that can be wired Style Y (Class B) or Style Z (Class A). In addition, each amplifier can produce its own tone or message inde- pendently of other system amplifiers. Thus, an INX tran- sponder can produce three audio channels simultaneously. Each INX transponder can support up to four AM-50 Series amplifiers operating as main amplifiers with one AM-50 Series amplifier used as a fail-safe backup amplifier. |
Similar Part No. - ANX-MR-FO |
|
Similar Description - ANX-MR-FO |