Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6309LSP3B Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # V6309LSP3B
Description  3-Pin Microprocessor Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6309LSP3B Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  V6309LSP3B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6309LSP3B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6309LSP3B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6309LSP3B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6309LSP3B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6309LSP3B Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
V6309
V6319
Copyright © 2006, EM Microelectronic-Marin SA
03/06 – rev.G
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Terminal voltage to VSS
VDD
-0.3V to + 6.0V
Min. voltage at RESET or
RESET
Vmin
-0.3V
Maximum voltage at RESET or
RESET
Vmax
VCC + 0.3V
Input current at VDD
Imin
20 mA
Output current at RESET or
RESET
Imax
20 mA
Rate of rise at VDD
tR
100Vµs
Continuous power dissipation at
TA = +70°C for SOT-23
(>70°C derate by 4 mW/°C)
Pmax
320 mW
Operating temperature range
TA
-40 to +125°C
Storage temperature range
TST
-65°C to +150°C
Table 2
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, it is advised that normal
precautions be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the voltage range.
Electrical Characteristics
VDD = full range, TA = -40 to +125°C, unless otherwise specified, typical values at TA = +25°C, VDD = 5V for versions L and M,
VDD = 3.3V for versions T and S, VDD = 3 V for R. (Production testing done at TA = +25°C and 85°C, over temperature limits
guaranteed by design only)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VDD range
VDD
TA = 0 to +70°C
1.0
5.5
V
TA = -40 to +105C
1.2
5.5
V
TA = -40 to +125°C
1.6
5.5
V
Supply current
versions L, M
ICC
VDD < 5.5V
26
60
µA
versions R, S, T
VDD < 3.6V
16
50
µA
RESET threshold
1)
version L
VTH
TA = +25°C
4.56
4.63
4.70
V
TA = -40 to +125°C
4.40
4.79
V
version M
TA = +25°C
4.31
4.38
4.45
V
TA = -40 to +125°C
4.16
4.53
V
version T
TA = +25°C
3.04
3.08
3.11
V
TA = -40 to +125°C
2.92
3.17
V
version S
TA = +25°C
2.89
2.93
2.96
V
TA = -40 to +125°C
2.78
3.02
V
version R
TA = +25°C
2.59
2.63
2.66
V
TA = -40 to +125°C
2.50
2.72
V
Reset threshold temp. coefficient
-200
ppm/°C
VDD to reset delay
1)
VDD = VTH to (VTH – 100mV)
7
µs
Reset active timeout period
TA = -40 to °125°C
140
330
590
ms
RESET output voltage low for V6309
VOL
VDD > 1.0V, ISINK = 50µA
0.3
V
versions R, S, T
VDD = VTH min., ISINK = 1.2mA
0.3
V
versions L, M
VDD = VTH min., ISINK = 3.2mA
0.4
V
RESET output voltage high for V6309
versions R, S, T
VOH
VDD = VTH max., ISOURCE = 500µA
0.8 VDD
V
versions L, M
VDD = VTH max., ISOURCE = 800µA
VDD-1.5V
V
RESET output voltage low for V6319
versions R, S, T
VOL
VDD = VTH max., ISINK = 1.2mA
0.3
V
versions L, M
VDD = VTH max., ISINK = 3.2mA
0.4
V
RESET output voltage high for V6319
VOH
1.8V < VDD < VTH min.,
ISOURCE = 150µA
0.8 VDD
V
Table 3
1)
RESET output for V6309 , RESET output for V6319


Similar Part No. - V6309LSP3B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6300 EMMICRO-V6300 Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300ASP5B EMMICRO-V6300ASP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300BSP5B EMMICRO-V6300BSP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300CSP5B EMMICRO-V6300CSP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
V6300DSP5B EMMICRO-V6300DSP5B Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
More results

Similar Description - V6309LSP3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com