Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG95250 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # VG95250
Description  RPC-N 50W Plug ??7/16 50W Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

VG95250 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  VG95250 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG VG95250 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Adaptor
RPC-N 50
Ω Plug – 7/16 50Ω Plug
05S160-S50D3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to – 7/16 side
IEC 60169-4, VG 95250, EN 122190, DIN 47223
According to – RPC-N side
IEC 60169-16 ; CECC 22 210 ; MIL-STD 348 A/402
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Brass
Gold, min. 1.27 µm, over nickel
Outer contact – 7/16 side
Brass
Gold, min. 1.27 µm, over nickel
Outer contact – RPC-N side
Stainless steel
Passivated
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Coupling nut – 7/16 side
Brass
White bronze(e.g. Optalloy®)
Coupling nut – RPC-N side
Stainless steel
Passivated
Dielectric
PPE


Similar Part No. - VG95250

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
VG95250 ROSENBERGER-VG95250 Datasheet
79Kb / 2P
   RPC-N 50W Jack ??7/16 50W Jack
VG95250 ROSENBERGER-VG95250 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
VG95250 ROSENBERGER-VG95250 Datasheet
128Kb / 2P
   Termination
VG95250 ROSENBERGER-VG95250 Datasheet
329Kb / 2P
   ADAPTOR SMA PLUG ??7/16 PLUG
VG95250 ROSENBERGER-VG95250 Datasheet
77Kb / 2P
   RPC-N 50W Jack ??7/16 50W Plug
More results

Similar Description - VG95250

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05K160-S50D3 ROSENBERGER-05K160-S50D3 Datasheet
77Kb / 2P
   RPC-N 50W Jack ??7/16 50W Plug
05S160-K50D3 ROSENBERGER-05S160-K50D3 Datasheet
76Kb / 2P
   RPC-N 50W Plug ??7/16 50W Jack
05K160-K50D3 ROSENBERGER-05K160-K50D3 Datasheet
79Kb / 2P
   RPC-N 50W Jack ??7/16 50W Jack
07P422-500S3 ROSENBERGER-07P422-500S3 Datasheet
83Kb / 2P
   RPC-7 PANEL PLUG
07P121-272S3 ROSENBERGER-07P121-272S3 Datasheet
77Kb / 2P
   RPC-7 STRAIGHT PLUG
07P421-500S3 ROSENBERGER-07P421-500S3 Datasheet
82Kb / 2P
   RPC-7 PANEL PLUG
logo
Shenzhenshi YONGFUKANG ...
CS8626E YONGFUKANG-CS8626E Datasheet
4Mb / 14P
   50W
logo
Rosenberger Hochfrequen...
07P151-S00S3 ROSENBERGER-07P151-S00S3 Datasheet
83Kb / 2P
   ADAPTOR RPC-7 ??BNC PLUG
03S105-S00S3 ROSENBERGER-03S105-S00S3 Datasheet
108Kb / 2P
   ADAPTOR RPC-3.50 PLUG ??RPC-N 50 PLUG
07P132-S00S3 ROSENBERGER-07P132-S00S3 Datasheet
84Kb / 2P
   ADAPTOR RPC-7 ??SMA PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com