Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0.25S Datasheet(PDF) 2 Page - Recom International Power

Part # R0.25S
Description  Full Power at 100째C Ambient Temperature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S Datasheet(HTML) 2 Page - Recom International Power

  R0.25S Datasheet HTML 1Page - Recom International Power R0.25S Datasheet HTML 2Page - Recom International Power R0.25S Datasheet HTML 3Page - Recom International Power R0.25S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Efficiency at Full Load
60%-70%
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
H-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute***)
1500VAC / 60Hz
R0.25DA Output/ Output Isolation Voltage
(tested for 1 second)
1000VDC
Isolation Capacitance
75pF max.
Isolation Resistance
Viso=500V
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-50°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), Peak 255°C (5 sec) max.
Vapor Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Humidity Susceptibility Test
1000 hrs / 90% humidity / +85°C ambient
Package weight
1.0g (R0.25S), 1.2g (R0.25D(A))
Packing Quantity
R0.25S, R0.25S8
40 pcs per Tube
R0.25S12, R0.25D, R0.25D10
33 pcs per tube
R0.25D12, R0.25DA
33 pcs per tube
All Types
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
4423 x 103 hours
(+85°C)
using MIL-HDBK 217F
2161 x 103 hours
Certifications
Conducted / Radiated Emissions
EN55022
Level A
CB Test Report
Report: US/14402A/UL
IEC 60950-1:2001 1st Ed.
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD1211033-3
EN60950-1:2006 + A12:2011
R0.25S_R0.25D
Series
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
1205
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
R0.25S**-xx05
}
Detailed Information see
Application Notes chapter "MTBF"
Typical Characteristics
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
1205
0505
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
3.305
0.000
5.000
10.000
15.000
20.000
25.000
1205
0505
R0.25D**-xx05
***Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 0/2015
E-9
www.recom-power.com


Similar Part No. - R0.25S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.25S-0505 RECOM-R0.25S-0505 Datasheet
150Kb / 4P
   Features
R0.25S-0509 RECOM-R0.25S-0509 Datasheet
150Kb / 4P
   Features
R0.25S-0512 RECOM-R0.25S-0512 Datasheet
150Kb / 4P
   Features
R0.25S-0515 RECOM-R0.25S-0515 Datasheet
150Kb / 4P
   Features
R0.25S-0524 RECOM-R0.25S-0524 Datasheet
150Kb / 4P
   Features
More results

Similar Description - R0.25S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S-R1D RECOM-R1S-R1D Datasheet
127Kb / 4P
   Full Power at 100째C Ambient Temperature
R1S_R1D RECOM-R1S_R1D Datasheet
127Kb / 4P
   Full Power at 100째C Ambient Temperature
logo
Emerson Network Power
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
   250W Continuous power at 100째C baseplate temperature
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
   700W Continuous power at 100째C baseplate temperature
AIF EMERSON-NETWORKPOWER-AIF Datasheet
139Kb / 2P
   600W Continuous power at 100째C baseplate temperature
logo
Vicor Corporation
V48C48T150BG VICOR-V48C48T150BG Datasheet
819Kb / 13P
   Maximum operating temp: 100째C, full load
V24B28M200BL3 VICOR-V24B28M200BL3 Datasheet
856Kb / 15P
   Maximum operating temp: 100째C, full load
logo
Sensitron
SHD125068 SENSITRON-SHD125068 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125468 SENSITRON-SHD125468 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125668 SENSITRON-SHD125668_08 Datasheet
35Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com