Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC532600PBFNBXXZC-PF Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # TC532600PBFNBXXZC-PF
Description  TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC532600PBFNBXXZC-PF Datasheet(HTML) 3 Page - Advanced Crystal Technology

  TC532600PBFNBXXZC-PF Datasheet HTML 1Page - Advanced Crystal Technology TC532600PBFNBXXZC-PF Datasheet HTML 2Page - Advanced Crystal Technology TC532600PBFNBXXZC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(V)TCSW53 Series
TCXO/VC‐TCXO, 5.0 x 3.2mm, Clipped sine wave
Drawing control: (Internal use only) 
Commdity code : 854370 90 99
Issue number : 1
Date : 12042016
Internal reference : M6
Advanced Crystal Technology (A wholly owned Acal Bfi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
CL
Pin 1
Pin 2
Pin 3
Pin 4
CD
RL
Output
GND
GND for TCXO
Vc for VCTCXO
Vcc
V
A
Supply
Vcc
Test circuit 
Clipped sine waveform
Solder reflow profile
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Similar Part No. - TC532600PBFNBXXZC-PF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC53257 TOSHIBA-TC53257 Datasheet
189Kb / 4P
   256K BIT (32K WORD x 8 BIT) CMOS MASK ROM SILICON GATE MOS
TC53257F TOSHIBA-TC53257F Datasheet
189Kb / 4P
   256K BIT (32K WORD x 8 BIT) CMOS MASK ROM SILICON GATE MOS
TC53257P TOSHIBA-TC53257P Datasheet
189Kb / 4P
   256K BIT (32K WORD x 8 BIT) CMOS MASK ROM SILICON GATE MOS
More results

Similar Description - TC532600PBFNBXXZC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TCT53-4 ACT-TCT53-4 Datasheet
727Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
25042016
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
   TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com