Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRB1045G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SBRB1045G
Description  Switch-mode Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBRB1045G Datasheet(HTML) 2 Page - ON Semiconductor

  SBRB1045G Datasheet HTML 1Page - ON Semiconductor SBRB1045G Datasheet HTML 2Page - ON Semiconductor SBRB1045G Datasheet HTML 3Page - ON Semiconductor SBRB1045G Datasheet HTML 4Page - ON Semiconductor SBRB1045G Datasheet HTML 5Page - ON Semiconductor SBRB1045G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRB1045G, MBRD1045G, SBRB1045G, SBRD81045T4G
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current (Rated VR) TC = 135°C
IF(AV)
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 135°C
IFRM
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
(MBRB/SBRB)
70
(MBRD/SBRD)
A
Operating Junction and Storage Temperature Range (Note 1)
TJ, Tstg
− 65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
(MBRB1045G)
Junction−to−Case (Note 2)
Junction−to−Ambient (Note 2)
(MBRD1045G)
Junction−to−Case (Note 2)
Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJC
RqJA
1.0
50
2.43
68
°C/W
2. When mounted using minimum recommended pad size on FR−4 board.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 10 Amps, TJ = 125°C)
(IF = 20 Amps, TJ = 125°C)
(IF = 20 Amps, TJ = 25°C)
VF
0.57
0.72
0.84
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
IR
15
0.1
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%
ORDERING INFORMATION
Device
Package
Shipping
MBRB1045G
D2PAK
(Pb−Free)
50 Units / Rail
SBRB1045G
50 Units / Rail
MBRB1045T4G
800 Units / Tape & Reel
SBRB1045T4G
800 Units / Tape & Reel
MBRD1045G
DPAK
(Pb−Free)
50 Units / Rail
MBRD1045T4G
2,500 Units / Tape & Reel
SBRD81045T4G
2,500 Units / Tape & Reel
SSBRD81045T4G
2,500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - SBRB1045G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRB1045G ONSEMI-SBRB1045G Datasheet
165Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 8
More results

Similar Description - SBRB1045G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
   Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
   Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
MBRD1035CTL ONSEMI-MBRD1035CTL_16 Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20100CTG ONSEMI-MBRF20100CTG Datasheet
55Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 10
MBR4015LWTG ONSEMI-MBR4015LWTG Datasheet
73Kb / 5P
   Switch Mode Schottky Power Rectifier
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com