Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC0450L-03 Datasheet(PDF) 10 Page - Anaren Microwave

Part # XC0450L-03
Description  High Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0450L-03 Datasheet(HTML) 10 Page - Anaren Microwave

Back Button XC0450L-03 Datasheet HTML 6Page - Anaren Microwave XC0450L-03 Datasheet HTML 7Page - Anaren Microwave XC0450L-03 Datasheet HTML 8Page - Anaren Microwave XC0450L-03 Datasheet HTML 9Page - Anaren Microwave XC0450L-03 Datasheet HTML 10Page - Anaren Microwave XC0450L-03 Datasheet HTML 11Page - Anaren Microwave XC0450L-03 Datasheet HTML 12Page - Anaren Microwave XC0450L-03 Datasheet HTML 13Page - Anaren Microwave XC0450L-03 Datasheet HTML 14Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Model XC0450L-03
Rev E
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Peak Power Handling
High-Pot testing of these couplers during the qualification procedure resulted in a minimum breakdown voltage of
1.7KV (minimum recorded value). This voltage level corresponds to a breakdown resistance capable of handling at
least 12dB peaks over average power levels, for very short durations. The breakdown location consistently occurred
across the air interface at the coupler contact pads (see illustration below). The breakdown levels at these points will
be affected by any contamination in the gap area around these pads. These areas must be kept clean for optimum
performance. It is recommended that the user test for voltage breakdown under the maximum operating conditions
and over worst case modulation induced power peaking. This evaluation should also include extreme environmental
conditions (such as high humidity).
Orientation Marker
A printed circular feature appears on the top surface of the coupler to designate Pin 1. This orientation marker is not
intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of
these parts into the tape and reel package. This ensures that the components are always delivered with the same
orientation. Refer to the table on page 2 of the data sheet for allowable pin configurations.
Test Plan
Xinger II couplers are manufactured in large panels and then separated. A sample population of parts is RF small
signal tested at room temperature in the fixture described above. All parts are DC tested for shorts/opens. (See
“Qualification Flow Chart” section for details on the accelerated life test procedures.)


Similar Part No. - XC0450L-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0450L-03P ANAREN-XC0450L-03P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0450L-03P ANAREN-XC0450L-03P Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450L-03S ANAREN-XC0450L-03S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0450L-03S ANAREN-XC0450L-03S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0450L-03

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
   High Power Single High Power Single
logo
Ningbo Foryard Optoelec...
FYLP-3W-UYS FORYARD-FYLP-3W-UYS Datasheet
127Kb / 3P
   HIGH POWER
FYLP-3W-UYB FORYARD-FYLP-3W-UYB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UBB FORYARD-FYLP-3W-UBB Datasheet
121Kb / 3P
   HIGH POWER
FYLP-1W-UBB FORYARD-FYLP-1W-UBB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UPGL FORYARD-FYLP-3W-UPGL Datasheet
119Kb / 3P
   HIGH POWER
FYLP-3W-UWWS FORYARD-FYLP-3W-UWWS Datasheet
127Kb / 3P
   HIGH POWER
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
   High Power
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT_15 Datasheet
293Kb / 6P
   High Power
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
   High Power
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
   High Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com