Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3100 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X3100
Description  3 or 4 Cell Li-Ion Battery Protection and Monitor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X3100 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X3100 Datasheet HTML 4Page - Xicor Inc. X3100 Datasheet HTML 5Page - Xicor Inc. X3100 Datasheet HTML 6Page - Xicor Inc. X3100 Datasheet HTML 7Page - Xicor Inc. X3100 Datasheet HTML 8Page - Xicor Inc. X3100 Datasheet HTML 9Page - Xicor Inc. X3100 Datasheet HTML 10Page - Xicor Inc. X3100 Datasheet HTML 11Page - Xicor Inc. X3100 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
X3100/X3101 – Preliminary Information
Characteristics subject to change without notice.
8 of 40
REV 1.1.8 12/10/02
www.xicor.com
CONFIGURATION REGISTER
The X3100 and X3101 can be configured for specific
user requirements using the Configuration Register.
Table 1. Configuration Register Functionality
Table 2. Configuration Register—Upper Byte
Table 3. Configuration Register—Lower Byte
Over-charge Voltage Settings
VOV1 and VOV0 control the cell over-charge level. See
section “Over-charge Protection” on page 13.
Table 4. Over-charge Voltage Threshold Selection
Over-discharge Settings
VUV1 and VUV0 control the cell over-discharge (under
voltage threshold) level. See section “Over-discharge
Protection” on page 15.
Over-current Settings
VOC1 and VOC0 control the pack over-current level.
See section “Over-Current Protection” on page 18.
Table 6. Over-Current Threshold Voltage Selection.
Cell Charge Enable Settings
VCE1, VCE0 and SWCEN control the pack charge
enable function. SWCEN enables or disables a circuit
that prevents charging if the cells are at too low a
voltage. VCE1 and VCE0 select the voltage that is
recognized as too low. See section “Sleep Mode” on
page 15.
Table 7. Cell Charge Enable Function
Bit(s)
Name
Function
0-5
(don’t care)
6
SWCEN
Switch Cell Charge Enable
threshold function ON/OFF
7
CELLN
Set the number of Li-Ion battery
cells used (3 or 4)
8-9
VCE1-VCE0
Select Cell Charge Enable
threshold
10-11
VOC1-VOC0 Select over-current threshold
12-13
VUV1-VUV0
Select over-discharge (under
voltage) threshold
14-15
VOV1-VOV0
Select over-charge voltage
threshold
15
14
13
12
11
10
9
8
VOV1
VOV0
VUV1
VUV0
VOC1
VOC0
VCE1
VCE0
X3100 Default = 30H; X3101 Default = 00H.
7
6
543210
CELLN
SWCEN
x
x
x
x
x
x
X3100 Default = C0H; X3101 Default = 40H.
Configuration Register
Bits
Operation
VOV1
VOV0
00
VOV = 4.20V (Default)
01
VOV = 4.25V
10
VOV = 4.30V
11
VOV = 4.35V
Table 5. Over-discharge Threshold Selection.
Configuration
Register Bits
Operation
VUV1
VUV0
X3100
X3101
00
VUV=1.95V
VUV=2.25V
(X3101 default)
01
VUV=2.05V
VUV=2.35V
10
VUV=2.15V
VUV=2.45V
11
VUV=2.25V
(X3100 default)
VUV=2.55V
Configuration Register Bits
Operation
VOC1
VOC0
00
VOC=0.075V (Default)
01
VOC=0.100V
10
VOC=0.125V
11
VOC=0.150V
Configuration
Register Bit
Operation
SWCEN
0
Charge enable function: ON
1
Charge enable function: OFF


Similar Part No. - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
More results

Similar Description - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com