Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1305M05-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1305M05-Q1
Description  High-Precision, Reinforced Isolated Delta-Sigma Modulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1305M05-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1305M05-Q1 Datasheet HTML 4Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 5Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 6Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 7Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 8Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 9Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 10Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 11Page - Texas Instruments AMC1305M05-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
AMC1305L25-Q1, AMC1305M05-Q1, AMC1305M25-Q1
SBAS797 – FEBRUARY 2017
www.ti.com
Product Folder Links: AMC1305L25-Q1 AMC1305M05-Q1 AMC1305M25-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: AMC1305M05-Q1 (continued)
All minimum and maximum specifications at TA = –40°C to +125°C, AVDD = 4.5 V to 5.5 V, DVDD = 3.0 V to 5.5 V, AINP =
–50 mV to 50 mV, AINN = 0 V, and sinc
3 filter with OSR = 256, unless otherwise noted. Typical values are at T
A = 25°C,
CLKIN = 20 MHz, AVDD = 5.0 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD
High-side supply voltage
4.5
5.0
5.5
V
IAVDD
High-side supply current
6.5
8.2
mA
PAVDD
High-side power dissipation
32.5
45.1
mW
DVDD
Controller-side supply voltage
3.0
3.3
5.5
V
IDVDD
Controller-side supply current
3.0 V
≤ DVDD ≤ 3.6 V
2.7
4.0
mA
4.5 V
≤ DVDD ≤ 5.5 V
3.2
5.5
PDVDD
Controller-side power dissipation
3.0 V
≤ DVDD ≤ 3.6 V
8.9
14.4
mW
4.5 V
≤ DVDD ≤ 5.5 V
16.0
30.3


Similar Part No. - AMC1305M05-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305M05 TI1-AMC1305M05 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M05DW TI1-AMC1305M05DW Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M05DWR TI1-AMC1305M05DWR Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1305M05-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com