Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1304M25QDWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1304M25QDWRQ1
Description  High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1304M25QDWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1304M25QDWRQ1 Datasheet HTML 1Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 2Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 3Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 4Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 5Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 6Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 7Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 8Page - Texas Instruments AMC1304M25QDWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
2
3
4
5
NC
AINP
AINN
AGND
NC
6
7
8
16
15
14
13
12
11
10
9
LDOIN
VCAP
AGND
DGND
NC
DVDD
CLKIN
NC
DOUT
NC
DGND
1
2
3
4
5
NC
AINP
AINN
AGND
NC
6
7
8
16
15
14
13
12
11
10
9
LDOIN
VCAP
AGND
DGND
NC
DVDD
CLKIN
CLKIN_N
DOUT
DOUT_N
DGND
4
AMC1304L05-Q1, AMC1304L25-Q1, AMC1304M05-Q1, AMC1304M25-Q1
SBAS799 – FEBRUARY 2017
www.ti.com
Product Folder Links: AMC1304L05-Q1 AMC1304L25-Q1 AMC1304M05-Q1 AMC1304M25-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configurations and Functions
DW Package: LVDS Interface Versions (AMC1304Lx-Q1)
16-Pin SOIC
Top View
DW Package: CMOS Interface Versions (AMC1304Mx-Q1)
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AMC1304Lx-Q1
(LVDS)
AMC1304Mx-Q1
(CMOS)
AGND
4
4
This pin is internally connected to pin 8 and can be left unconnected or tied to high-side ground
8
8
High-side ground reference
AINN
3
3
I
Inverting analog input
AINP
2
2
I
Noninverting analog input
CLKIN
13
13
I
Modulator clock input, 5 MHz to 20.1 MHz
CLKIN_N
12
I
Inverted modulator clock input
DGND
9, 16
9, 16
Controller-side ground reference
DOUT
11
11
O
Modulator data output
DOUT_N
10
O
Inverted modulator data output
DVDD
14
14
Controller-side power supply, 3.0 V to 5.5 V.
See the Power-Supply Recommendations section for decoupling recommendations.
LDOIN
6
6
Low dropout regulator input, 4 V to 18 V
NC
1
1
This pin can be connected to VCAP or left unconnected
5
5
This pin can be left unconnected or tied to AGND only
10, 12
These pins have no internal connection
15
15
This pin can be left unconnected or tied to DVDD only
VCAP
7
7
LDO output. See the Power-Supply Recommendations section for decoupling
recommendations.


Similar Part No. - AMC1304M25QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304M25 TI1-AMC1304M25 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304M25DW TI1-AMC1304M25DW Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304M25DWR TI1-AMC1304M25DWR Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1304M25QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com