Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1305M25QDWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1305M25QDWRQ1
Description  High-Precision, Reinforced Isolated Delta-Sigma Modulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1305M25QDWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  AMC1305M25QDWRQ1 Datasheet HTML 1Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 2Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 3Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 4Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 5Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 6Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 7Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 8Page - Texas Instruments AMC1305M25QDWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
2
3
4
5
NC
AINP
AINN
AGND
NC
6
7
8
16
15
14
13
12
11
10
9
NC
AVDD
AGND
DGND
NC
DVDD
CLKIN
NC
DOUT
NC
DGND
1
2
3
4
5
NC
AINP
AINN
AGND
NC
6
7
8
16
15
14
13
12
11
10
9
NC
AVDD
AGND
DGND
NC
DVDD
CLKIN
CLKIN_N
DOUT
DOUT_N
DGND
3
AMC1305L25-Q1, AMC1305M05-Q1, AMC1305M25-Q1
www.ti.com
SBAS797 – FEBRUARY 2017
Product Folder Links: AMC1305L25-Q1 AMC1305M05-Q1 AMC1305M25-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
INPUT VOLTAGE
RANGE
DIFFERENTIAL INPUT
RESISTANCE
SNR (sinc3 Filter,
78 kSPS)
OUTPUT INTERFACE
AMC1305L25-Q1
±250 mV
25 kΩ
82 dB
LVDS
AMC1305M05-Q1
±50 mV
5 kΩ
76 dB
CMOS
AMC1305M25-Q1
±250 mV
25 kΩ
82 dB
CMOS
6 Pin Configurations and Functions
DW Package
16-Pin SOIC
Top View
LVDS Versions (AMC1305L25-Q1)
DW Package
16-Pin SOIC
Top View
CMOS Versions (AMC1305Mx-Q1)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
4
This pin is internally connected to pin 8 and can be left unconnected or tied to high-side
ground
8
High-side ground reference
AINN
3
I
Inverting analog input
AINP
2
I
Noninverting analog input
AVDD
7
High-side power supply, 4.5 V to 5.5 V.
See the Power-Supply Recommendations section for decoupling recommendations.
CLKIN
13
I
Modulator clock input, 5 MHz to 20.1 MHz
CLKIN_N
12
I
AMC1305L25-Q1 only: inverted modulator clock input
DGND
9, 16
Controller-side ground reference
DOUT
11
O
Modulator data output
DOUT_N
10
O
AMC1305L25-Q1 only: inverted modulator data output
DVDD
14
Controller-side power supply, 3.0 to 5.5 V
NC
1
This pin can be connected to AVDD or can be left unconnected
5
This pin can be left unconnected or tied to AGND only
6, 10, 12
These pins have no internal connection (pins 10 and 12 on the AMC1305Mx-Q1 only).
15
This pin can be left unconnected or tied to DVDD only


Similar Part No. - AMC1305M25QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305M25 TI1-AMC1305M25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M25DW TI1-AMC1305M25DW Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M25DWR TI1-AMC1305M25DWR Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1305M25QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com