Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1305M25QDWQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1305M25QDWQ1
Description  High-Precision, Reinforced Isolated Delta-Sigma Modulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1305M25QDWQ1 Datasheet(HTML) 4 Page - Texas Instruments

  AMC1305M25QDWQ1 Datasheet HTML 1Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 2Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 3Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 4Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 5Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 6Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 7Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 8Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
AMC1305L25-Q1, AMC1305M05-Q1, AMC1305M25-Q1
SBAS797 – FEBRUARY 2017
www.ti.com
Product Folder Links: AMC1305L25-Q1 AMC1305M05-Q1 AMC1305M25-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over the operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, AVDD to AGND or DVDD to DGND
–0.3
6.5
V
Analog input voltage at AINP, AINN
AGND – 6
AVDD + 0.5
V
Digital input voltage at CLKIN, CLKIN_N
DGND – 0.3
DVDD + 0.3
V
Input current to any pin except supply pins
–10
10
mA
Maximum virtual junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2500
V
Charged device model (CDM), per AEC Q100-011
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
High-side (analog) supply voltage
4.5
5.0
5.5
V
DVDD
Controller-side (digital) supply voltage
3.0
3.3
5.5
V
TA
Operating ambient temperature range
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
AMC1305x-Q1
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
80.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
40.5
°C/W
RθJB
Junction-to-board thermal resistance
45.1
°C/W
ψJT
Junction-to-top characterization parameter
11.9
°C/W
ψJB
Junction-to-board characterization parameter
44.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
7.5 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation
(both sides)
AVDD = 5.5 V, DVDD = 5.5 V, LVDS, RLOAD = 100 Ω
89.1
mW
PD1
Maximum power dissipation
(high-side supply)
AVDD = 5.5 V
45.1
mW
PD2
Maximum power dissipation
(low-side supply)
DVDD = 5.5 V, LVDS, RLOAD = 100 Ω
44
mW


Similar Part No. - AMC1305M25QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305M25 TI1-AMC1305M25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M25DW TI1-AMC1305M25DW Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M25DWR TI1-AMC1305M25DWR Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1305M25QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com