Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1288S16I-2.7A Datasheet(PDF) 5 Page - Xicor Inc.

Part # X1288S16I-2.7A
Description  2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1288S16I-2.7A Datasheet(HTML) 5 Page - Xicor Inc.

  X1288S16I-2.7A Datasheet HTML 1Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 2Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 3Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 4Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 5Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 6Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 7Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 8Page - Xicor Inc. X1288S16I-2.7A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5 of 31
REV 1.1.30 3/24/04
www.xicor.com
Preliminary Information
X1288
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ................... -65°C to +135°C
Storage Temperature......................... -65°C to +150°C
Voltage on VCC, VBACK and PHZ/IRQ
pin (respect to ground) ............................-0.5V to 7.0V
Voltage on SCL, SDA, X1 and X2
pin (respect to ground) ............... -0.5V to 7.0V or 0.5V
above VCC or VBACK (whichever is higher)
DC Output Current .............................................. 5 mA
Lead Temperature (Soldering, 10 sec) ...............300°C
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this spec-
ification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
DC OPERATING CHARACTERISTICS (Temperature = -40°C to +85°C, unless otherwise stated.)
OPERATING CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
VCC
Main Power Supply
2.7
5.5
V
VBACK
Backup Power Supply
1.8
5.5
V
VCB
Switch to Backup Supply
VBACK -0.2
VBACK -0.1
V
VBC
Switch to Main Supply
VBACK
VBACK +0.2
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
ICC1
Read Active Supply
Current
VCC = 2.7V
400
µA
1, 5, 7, 14
VCC = 5.0V
800
µA
ICC2
Program Supply Current
(nonvolatile)
VCC = 2.7V
2.5
mA
2, 5, 7, 14
VCC = 5.0V
3.0
mA
ICC3
Main Timekeeping
Current
VCC = 2.7V
10
µA
3, 7, 8, 14, 15
VCC = 5.0V
20
µA
IBACK
Timekeeping Current –
(Low Voltage Sense and
Watchdog Timer dis-
abled
VBACK = 1.8V
1.25
µA
3, 6, 9, 14, 15
“See Perfor-
mance Data”
VBACK = 3.3V
1.5
µA
ILI
Input Leakage Current
10
µA
10
ILO
Output Leakage Current
10
µA
10
VIL
Input LOW Voltage
-0.5
VCC x 0.2 or
VBACK x 0.2
V13
VIH
Input HIGH Voltage
VCC x 0.7 or
VBACK x 0.7
VCC + 0.5 or
VBACK + 0.5
V13
VHYS
Schmitt Trigger Input
Hysteresis
VCC related level
.05 x VCC or
.05 x VBACK
V13
VOL1
Output LOW Voltage for
SDA and RESET
VCC = 2.7V
0.4
V
11
VCC = 5.5V
0.4
VOL2
Output LOW Voltage for
PHZ/IRQ
VCC = 2.7V
VCC x 0.3
V
11
VCC = 5.5V
VCC x 0.3
VOH2
Output HIGH Voltage for
PHZ/IRQ
VCC = 2.7V
VCC x 0.7
V
12
VCC = 5.5V
VCC x 0.7


Similar Part No. - X1288S16I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1288S16I-2.7A INTERSIL-X1288S16I-2.7A Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288S16I-2.7A RENESAS-X1288S16I-2.7A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1288S16I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com