Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X106J9RAC3316 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0805X106J9RAC3316
Description  Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X106J9RAC3316 Datasheet(HTML) 3 Page - Kemet Corporation

  C0805X106J9RAC3316 Datasheet HTML 1Page - Kemet Corporation C0805X106J9RAC3316 Datasheet HTML 2Page - Kemet Corporation C0805X106J9RAC3316 Datasheet HTML 3Page - Kemet Corporation C0805X106J9RAC3316 Datasheet HTML 4Page - Kemet Corporation C0805X106J9RAC3316 Datasheet HTML 5Page - Kemet Corporation C0805X106J9RAC3316 Datasheet HTML 6Page - Kemet Corporation C0805X106J9RAC3316 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Special_VW/AUDI • 1/26/2016
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 – 100 VDC, VW 80808 specification
Table 1 – Capacitance Range/Selection Waterfall (0603 – 1210 Case Sizes) cont'd
Capacitance
Code
0603
0805
1206
1210
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
473
CD
CD
CD
DR
DR
DR
DS
DG
EQ
EQ
EQ
ER
ES
FN
FN
FN
FN
FQ
563
CD
CD
DD
DD
DD
DS
EQ
EQ
EQ
EQ
ES
FN
FN
FN
FN
FQ
683
CD
CD
DD
DD
DD
DS
EQ
EQ
EQ
EQ
ES
FN
FN
FN
FN
FQ
823
DD
DD
DD
DS
EQ
EQ
EQ
EQ
ES
FN
FN
FN
FQ
FA
104
DR
DR
DR
DS
EQ
EQ
EQ
EQ
EM
FN
FN
FN
FX
FZ
124
DD
DD
DD
DG
ER
ER
ER
ER
EU
FN
FN
FN
FX
FU
154
DD
DD
DD
DG
ER
ER
ER
ER
EU
FQ
FQ
FQ
FX
FM
184
DD
DD
DD
ER
ER
ER
ER
ER
FQ
FQ
FQ
FX
FK
224
DD
DD
DD
ER
ER
ER
ER
FQ
FQ
FQ
FX
FK
274
DD
DD
DD
ER
ER
ER
EM
FQ
FQ
FQ
FX
FX
334
DD
DD
DD
ER
ER
ER
EU
FX
FX
FX
FX
394
DS
DS
DS
ER
ER
ER
FX
FX
FX
FX
474
DS
DS
DS
ER
ER
ER
FX
FX
FX
FX
564
DH
DH
DH
ER
ER
ER
FX
FX
FX
FA
684
DH
DH
DH
ES
ES
ES
FX
FX
FX
FZ
824
ES
ES
ES
FA
FA
FA
FL
105
ES
ES
ES
FU
FU
FU
FM
125
EH
EH
EH
FZ
FZ
FZ
FZ
155
EH
EH
EH
FZ
FZ
FZ
FZ
185
EH
EH
EH
FZ
FZ
FZ
FZ
225
EH
EH
EH
FZ
FZ
FZ
FZ
275
FZ
FZ
FZ
335
FM
FM
FM
Cap Code
0603
0805
1206
1210


Similar Part No. - C0805X106J9RAC3316

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X106J9RACAUTO KEMET-C0805X106J9RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805X106J9RACTU KEMET-C0805X106J9RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C0805X106J9RAC3316

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com