Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9409WS24 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9409WS24
Description  Quad Digitally Controlled Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9409WS24 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9409WS24 Datasheet HTML 4Page - Xicor Inc. X9409WS24 Datasheet HTML 5Page - Xicor Inc. X9409WS24 Datasheet HTML 6Page - Xicor Inc. X9409WS24 Datasheet HTML 7Page - Xicor Inc. X9409WS24 Datasheet HTML 8Page - Xicor Inc. X9409WS24 Datasheet HTML 9Page - Xicor Inc. X9409WS24 Datasheet HTML 10Page - Xicor Inc. X9409WS24 Datasheet HTML 11Page - Xicor Inc. X9409WS24 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
X9409 – Preliminary Information
Characteristics subject to change without notice.
8 of 21
REV 1.6 1/30/03
www.xicor.com
DETAILED OPERATION
All XDCP potentiometers share the serial interface and
share a common architecture. Each potentiometer has
a Wiper Counter Register and 4 Data Registers. A
detailed discussion of the register organization and
array operation follows.
Wiper Counter Register
The X9409 contains four Wiper Counter Registers, one
for each XDCP potentiometer. The Wiper Counter
Register can be envisioned as a 6-bit parallel and serial
load counter with its outputs decoded to select one of
sixty-four switches along its resistor array. The contents
of the WCR can be altered in four ways: it may be
written directly by the host via the Write Wiper Counter
Register instruction (serial load); it may be written
indirectly by transferring the contents of one of the four
associated Data Registers via the XFR Data Register
instruction (parallel load); it can be modified one step at
a time by the Increment/ Decrement instruction. Finally,
it is loaded with the contents of its Data Register zero
(DR0) upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9409 is powered-down. Although the
register is automatically loaded with the value in DR0
upon power-up, it should be noted this may be different
from the value present at power-down.
Data Registers
Each
potentiometer
has
four
nonvolatile
Data
Registers. These can be read or written directly by the
host and data can be transferred between any of the
four Data Registers and the Wiper Counter Register. It
should be noted all operations changing data in one of
these registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
Register Descriptions
Data Registers, (6-Bit), Nonvolatile:
Four 6-bit Data Registers for each XDCP. (sixteen 6-bit
registers in total).
– {D5~D0}: These bits are for general purpose not vol-
atile data storage or for storage of up to four different
wiper values. The contents of Data Register 0 are
automatically moved to the wiper counter register on
power-up.
Wiper Counter Register, (6-Bit), Volatile:
One 6-bit Wiper Counter Register for each XDCP. (Four
6-bit registers in total.)
– {D5~D0}: These bits specify the wiper position of the
respective XDCP. The Wiper Counter Register is
loaded on power-up by the value in Data Register R0.
The contents of the WCR can be loaded from any of
the other Data Register or directly by command. The
contents of the WCR can be saved in a DR.
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
WP5
WP4
WP3
WP2
WP1
WP0
VVVVVV
(MSB)
(LSB)


Similar Part No. - X9409WS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9409WS24 INTERSIL-X9409WS24 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24-2.7 INTERSIL-X9409WS24-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24I INTERSIL-X9409WS24I Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24I-2.7 INTERSIL-X9409WS24I-2.7 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9409WS24I-2.7 INTERSIL-X9409WS24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
More results

Similar Description - X9409WS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com