Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251UB24-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9251UB24-2.7
Description  Quad Digitally-Controlled (XDCP) Potentiometer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9251UB24-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9251UB24-2.7 Datasheet HTML 1Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 2Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 3Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 4Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 5Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 6Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 7Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 8Page - Xicor Inc. X9251UB24-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
X9251
Characteristics subject to change without notice.
5 of 25
REV 1.3.3 2/10/04
www.xicor.com
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle,
data is shifted out on this pin. Data is clocked out by
the falling edge of the serial clock.
SERIAL INPUT (SI)
SI is the serial data input pin. All opcodes, byte
addresses and data to be written to the device
registers are input on this pin. Data is latched by the
rising edge of the serial clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the
X9251.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
the serial communication with the controller without
resetting the serial sequence. To pause, HOLD must
be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while
SCK is LOW. If the pause feature is not used, HOLD
should be held HIGH at all times.
DEVICE ADDRESS (A1–A0)
The address inputs are used to set the two least
significant bits of the slave address. A match in the
slave address serial data stream must be made with
the address input in order to initiate communication
with the X9251. Device pins A1-A0 must be tie to a
logic level which specify the internal address of the
device, see Figures 2, 3, 4, 5 and 6.
CHIP SELECT (CS)
When CS is HIGH, the X9251 is deselected and the
SO pin is at high impedance, and (unless an internal
write cycle is underway) the device is in the standby
state. CS LOW enables the X9251, placing it in the
active power mode. It should be noted that after a
power-up, a HIGH to LOW transition on CS is required
prior to the start of any operation.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since
there are 4 potentiometers, there are 4 sets of RH and
RL such that RH0 and RL0 are the terminals of DCP0
and so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical
potentiometer.
Since
there
are
4
potentiometers, there are 4 sets of RW such that RW0
is the terminals of DCP0 and so on.
Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin
is the system ground.
Other Pins
NO CONNECT
No connect pins should be left floating. This pins are
used for Xicor manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents non-volatile writes to
the Data Registers.


Similar Part No. - X9251UB24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251UP24I INTERSIL-X9251UP24I Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251US24 INTERSIL-X9251US24 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251US24 INTERSIL-X9251US24 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9251US24-2.7 INTERSIL-X9251US24-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251US24I INTERSIL-X9251US24I Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251UB24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com