Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WP24 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9410WP24
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9410WP24 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9410WP24 Datasheet HTML 7Page - Xicor Inc. X9410WP24 Datasheet HTML 8Page - Xicor Inc. X9410WP24 Datasheet HTML 9Page - Xicor Inc. X9410WP24 Datasheet HTML 10Page - Xicor Inc. X9410WP24 Datasheet HTML 11Page - Xicor Inc. X9410WP24 Datasheet HTML 12Page - Xicor Inc. X9410WP24 Datasheet HTML 13Page - Xicor Inc. X9410WP24 Datasheet HTML 14Page - Xicor Inc. X9410WP24 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X9410
Characteristics subject to change without notice.
11 of 21
REV 1.1 10/6/00
www.xicor.com
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
ICC1
VCC supply current (active)
400
µA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ICC2
VCC supply current (nonvolatile
write)
1mA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCK = SI = VSS, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW voltage
–0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Symbol
Test
Max.
Unit
Test Conditions
COUT
(5)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN
(5)
Input capacitance (A0, A1, SI, and SCK)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Unit
tPUR
(6)
Power-up to initiation of read operation
1
1
ms
tPUW
(6)
Power-up to initiation of write operation
5
5
ms
tRVCC
VCC Power up ramp
0.2
50
V/msec
POWER-UP AND POWER-DOWN
There are no restrictions on the power-up or power-
down sequencing of the bias supplies VCC, V+, and V–
provided that all three supplies reach their final values
within 1msec of each other. However, at all times, the
voltages on the potentiometer pins must be less than
V+ and more than V–. The recall of the wiper position
from nonvolatile memory is not in effect until all
supplies reach their final value.
EQUIVALENT A.C. LOAD CIRCUIT
5V
1533
100pF
SDA Output
2.7V
100pF


Similar Part No. - X9410WP24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410WP24 INTERSIL-X9410WP24 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410WP24-2.7 INTERSIL-X9410WP24-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410WP24I INTERSIL-X9410WP24I Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410WP24I INTERSIL-X9410WP24I Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9410WP24I RENESAS-X9410WP24I Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
More results

Similar Description - X9410WP24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com