Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TB24I Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9258TB24I
Description  Quad Digital Controlled Potentiometers (XDCP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9258TB24I Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9258TB24I Datasheet HTML 4Page - Xicor Inc. X9258TB24I Datasheet HTML 5Page - Xicor Inc. X9258TB24I Datasheet HTML 6Page - Xicor Inc. X9258TB24I Datasheet HTML 7Page - Xicor Inc. X9258TB24I Datasheet HTML 8Page - Xicor Inc. X9258TB24I Datasheet HTML 9Page - Xicor Inc. X9258TB24I Datasheet HTML 10Page - Xicor Inc. X9258TB24I Datasheet HTML 11Page - Xicor Inc. X9258TB24I Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
X9258
Characteristics subject to change without notice.
8 of 22
REV 1.1.7 2/4/03
www.xicor.com
Figure 8. Detailed Potentiometer Block Diagram Detailed Operation
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
BUS
Input
Parallel
BUS
Input
Wiper
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCL
UP/DN
VH/RH
VL/RL
VW/RW
If WCR = 00[H] then VW/RW = VL/RL
If WCR = FF[H] then VW/RW = VH/RH
8
8
C
o
u
n
t
e
r
D
e
c
o
d
e
(WCR)
All DCP potentiometers share the serial interface and
share a common architecture. Each potentiometer has
a Wiper Counter Register and four Data Registers. A
detailed discussion of the register organization and
array operation follows.
Wiper Counter Register
The X9258 contains four Wiper Counter Registers,
one for each DCP potentiometer. The Wiper Counter
Register can be envisioned as a 8-bit parallel and
serial load counter with its outputs decoded to select
one of 256 switches along its resistor array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/Decrement
instruction. Finally, it is loaded with the contents of its
data register zero (R0) upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9258 is powered-down. Although the
register is automatically loaded with the value in R0
upon power-up, it should be noted this may be
different from the value present at power-down.
Data Registers
Each
potentiometer
has
four
nonvolatile
Data
Registers. These can be read or written directly by the
host and data can be transferred between any of the
four Data Registers and the WCR. It should be noted
all operations changing data in one of these registers
is a nonvolatile operation and will take a maximum of
10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.


Similar Part No. - X9258TB24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TS24 INTERSIL-X9258TS24 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TS24 INTERSIL-X9258TS24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24 INTERSIL-X9258TS24 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
X9258TS24-2.7 INTERSIL-X9258TS24-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TS24-2.7 INTERSIL-X9258TS24-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X9258TB24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com