Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5700432BPZQQ1R Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS5700432BPZQQ1R
Description  16- and 32-Bit RISC Flash Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5700432BPZQQ1R Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS5700432BPZQQ1R Datasheet HTML 2Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 3Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 4Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 5Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 6Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 7Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 8Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 9Page - Texas Instruments TMS5700432BPZQQ1R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.9
Flash Memory
....................................... 50
6.10
Flash Program and Erase Timings for Program
1.1
Features
.............................................. 1
Flash
................................................ 52
1.2
Applications
........................................... 2
6.11
Flash Program and Erase Timings for Data Flash
.. 52
1.3
Description
............................................ 3
6.12
Tightly Coupled RAM Interface Module
............. 53
1.4
Functional Block Diagram
............................ 5
6.13
Parity Protection for Accesses to peripheral RAMs
. 53
2
Revision History
......................................... 7
6.14
On-Chip SRAM Initialization and Testing
........... 54
3
Device Comparison
..................................... 8
6.15
Vectored Interrupt Manager
......................... 56
4
Terminal Configuration and Functions
............. 9
6.16
Real-Time Interrupt Module
......................... 58
4.1
PZ QFP Package Pinout (100-Pin)
................... 9
6.17
Error Signaling Module
.............................. 59
4.2
Terminal Functions
................................. 10
6.18
Reset / Abort / Error Sources
....................... 63
4.3
Output Multiplexing and Control
..................... 16
6.19
Digital Windowed Watchdog
........................ 64
4.4
Special Multiplexed Options
......................... 17
6.20
Debug Subsystem
................................... 65
5
Specifications
.......................................... 18
7
Peripheral Information and Electrical
5.1
Absolute Maximum Ratings
......................... 18
Specifications
........................................... 70
5.2
ESD Ratings
........................................ 18
7.1
Peripheral Legend
................................... 70
5.3
Power-On Hours (POH)
............................. 18
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.... 70
5.4
Recommended Operating Conditions
............... 19
7.3
General-Purpose Input/Output
...................... 78
5.5
Switching Characteristics Over Recommended
7.4
Enhanced High-End Timer (N2HET)
................ 79
Operating Conditions for Clock Domains
........... 19
7.5
Controller Area Network (DCAN)
.................... 82
5.6
Wait States Required
............................... 20
7.6
Local Interconnect Network Interface (LIN)
......... 83
5.7
Power Consumption
................................ 21
7.7
Multibuffered / Standard Serial Peripheral Interface
84
5.8
Thermal Resistance Characteristics for PZ
......... 22
7.8
Enhanced Quadrature Encoder (eQEP)
............ 94
5.9
Input/Output Electrical Characteristics
.............. 22
8
Device and Documentation Support
............... 96
5.10
Output Buffer Drive Strengths
...................... 23
8.1
Device Support
...................................... 96
5.11
Input Timings
........................................ 24
8.2
Documentation Support
............................. 99
5.12
Output Timings
...................................... 25
8.3
Related Links
........................................ 99
6
System Information and Electrical
Specifications
........................................... 27
8.4
Community Resources
.............................. 99
6.1
Voltage Monitor Characteristics
..................... 27
8.5
Trademarks
.......................................... 99
6.2
Power Sequencing and Power-On Reset
........... 28
8.6
Electrostatic Discharge Caution
..................... 99
6.3
Warm Reset (nRST)
................................. 30
8.7
Glossary
............................................. 99
6.4
ARM Cortex-R4 CPU Information
................... 31
8.8
Device Identification Code Register
............... 100
6.5
Clocks
............................................... 35
8.9
Die Identification Registers
....................... 100
6.6
Clock Monitoring
.................................... 41
8.10
Module Certifications
............................... 101
6.7
Glitch Filters
......................................... 43
9
Mechanical Packaging and Orderable
Addendum
.............................................. 106
6.8
Device Memory Map
................................ 44
9.1
Packaging Information
............................. 106
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332


Similar Part No. - TMS5700432BPZQQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5700432BPZQQ1 TI1-TMS5700432BPZQQ1 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS5700432BPZQQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com