Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25741 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25741
Description  USB Type-C and USB Power Delivery Host Port Controllers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25741 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25741 Datasheet HTML 3Page - Texas Instruments TPS25741 Datasheet HTML 4Page - Texas Instruments TPS25741 Datasheet HTML 5Page - Texas Instruments TPS25741 Datasheet HTML 6Page - Texas Instruments TPS25741 Datasheet HTML 7Page - Texas Instruments TPS25741 Datasheet HTML 8Page - Texas Instruments TPS25741 Datasheet HTML 9Page - Texas Instruments TPS25741 Datasheet HTML 10Page - Texas Instruments TPS25741 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
TPS25741, TPS25741A
www.ti.com
SLVSDJ5B – AUGUST 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS25741
TPS25741A
UNIT
RSM (VQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance
37.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32.1
°C/W
RθJB
Junction-to-board thermal resistance
8.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.7
°C/W
7.5 Electrical Characteristics
Unless otherwise stated in a specific test condition the following conditions apply: –40°C
≤ TJ ≤ 125°C; 3 ≤ VDD ≤ 5.5 V, 4.65
V
≤ VPWR ≤ 25 V; HIPWR = GND, PSEL = GND, GD = VAUX, PCTRL = VAUX, AGND = GND;EN9V = GND; EN12V =
GND; VAUX, VTX, bypassed with 0.1 µF, DVDD bypassed with 0.22 µF; all other pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Comparator (VBUS)
VBUS_RTH
VBUS Threshold (Rising voltage)
4.25
4.45
4.65
V
VBUS_FTH
VBUS Threshold (Falling voltage)
3.5
3.7
3.9
V
VBUS Threshold (Hysteresis)
0.75
V
Power Supply (VDD, VPWR)
VDD_TH
VDD UVLO threshold
Rising voltage
2.8
2.91
2.97
V
Falling voltage
2.8
2.86
2.91
Hysteresis, comes into effect once the
rising threshold is crossed.
0.05
VPWR_TH
VPWR UVLO threshold
Rising voltage
4.2
4.45
4.65
V
Falling voltage
3.5
3.7
3.9
Hysteresis, comes into effect once the
rising threshold is crossed.
0.75
Supply current drawn from VDD in sleep
mode
VPWR = 0 V, VDD = 5 V, CC1 and CC2
pins are open. TJ = 25°C
8.5
µA
VPWR = 0 V, VDD = 3.3 V, CC1 and
CC2 pins are open. TJ = 25°C
5.4
µA
VPWR = 0 V, VDD = 5 V,CC1 pin open,
CC2 pin tied to GND. TJ = 25°C
93
µA
Supply current drawn from VPWR in
sleep mode
VPWR = 5 V, VDD = 0 V, CC1 and CC2
pins are open. TJ = 25°C
8
µA
VPWR = 5 V, VDD = 0 V, CC1 pin open,
CC2 pin tied to GND. TJ = 25°C
89
µA
ISUPP
Typical operating current (from VPWR
and VDD)
Power Delivery Sourcing active, VBUS =
5 V,
VPWR = 5 V, VDD = 3.3 V
1
1.8
3
mA
Over/Under Voltage Protection (VBUS)
VFOVP
Fast OVP threshold, always enabled
5 V Power Delivery contract
5.8
6.05
6.3
V
12 V Power Delivery contract (TPS25741)
13.2
13.75
14.3
V
20 V Power Delivery contract (TPS25741)
22.1
23.05
24.0
V
9 V Power Delivery contract
(TPS25741A)
10.1
10.55
11.0
V
15 V Power Delivery contract
(TPS25741A)
16.2
16.95
17.7
V


Similar Part No. - TPS25741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMR TI1-TPS25741RSMR Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMT TI1-TPS25741RSMT Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
More results

Similar Description - TPS25741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
[Old version datasheet]   USB Type-C Port Control with Power Delivery
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
   USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A12MWV-EVK-001 ROHM-BM92A12MWV-EVK-001 Datasheet
10Mb / 9P
   ROHM USB Type-C Power Delivery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com