Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25741ARSMT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25741ARSMT
Description  USB Type-C and USB Power Delivery Host Port Controllers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25741ARSMT Datasheet(HTML) 1 Page - Texas Instruments

  TPS25741ARSMT Datasheet HTML 1Page - Texas Instruments TPS25741ARSMT Datasheet HTML 2Page - Texas Instruments TPS25741ARSMT Datasheet HTML 3Page - Texas Instruments TPS25741ARSMT Datasheet HTML 4Page - Texas Instruments TPS25741ARSMT Datasheet HTML 5Page - Texas Instruments TPS25741ARSMT Datasheet HTML 6Page - Texas Instruments TPS25741ARSMT Datasheet HTML 7Page - Texas Instruments TPS25741ARSMT Datasheet HTML 8Page - Texas Instruments TPS25741ARSMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
TPS25741/41A
TPS25741/41A
CC2
VCONN
/VDD
2
nd Voltage
5V/3A
TX1/RX1
USB3.1
2.0
POL
BC1.2
TPS2546
SS MUX
TX2/RX2
IEC
ESD
D+/D-
5V
D+/D-
TX/RX
5V
CC1
GDPG
GDNG
G5V
CC2
VCONN
/VDD
5V/9V/15V@3A
or
5V/12V/20V@3A
TX1/RX1
USB3.1
2.0
POL
BC1.2
TPS2546
TX2/RX2
IEC
ESD
D+/D-
5V
D+/D-
CC1
GDNG
DC-DC
VIN
UFP
Power Mux Implementation
CTL1 CTL2
DC-DC Implementation
Type C
Connector
Type C
Connector
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS25741, TPS25741A
SLVSDJ5B – AUGUST 2016 – REVISED JANUARY 2017
TPS25741, TPS25741A USB Type-C™ and USB Power Delivery Host Port Controllers
1
1 Features
1
USB Power Delivery 2.0 Certified Provider,
USB Type-C™ Revision 1.2 Compliant Source
Pin-Selectable Voltage Advertisement
5 V, 12 V, 20 V (TPS25741)
5 V, 9 V, 15 V (TPS25741A)
Pin-Selectable Peak Power Settings
12 Options 15 W to 100 W (TPS25741)
11 Options 15 W to 81 W (TPS25741A)
High Voltage and Safety Integration
Overvoltage, Overcurrent, Overtemperature
Protection and VBUS Discharge
IEC 61000-4-2 Protection on CC1 and CC2
Input Pin for Fast Shutdown Under Fault
Control of External N-ch MOSFETs and P-ch
MOSFETs for Single Power Path or Power
Mux Architecture
2-Pin External Power Supply Control
Wide VIN Supply (4.65 V – 25 V)
5.4-µA Quiescent Current When Unattached
Port Power Management, Plug Polarity, Plug
Status, Audio and Debug Accessory Indicators
Built-in 1.8 V at 35-mA Supply Output
2 Applications
Desktop and All-in-One Computers
Automotive Infotainment
Hub Downstream Ports
USB-Power Delivery Adaptor (USB data capable)
3 Description
The TPS25741, TPS25741A implements a source
compliant to USB Power Delivery 2.0 and USB Type-
C revision 1.2. It can be used in either a power mux
or DC-DC implementation shown in the figure below.
The device monitors the CC pin to detect a USB
Type-C sink attachment, then enables the GDNG and
G5V gate drivers to apply 5 V to VBUS (refer to figure
below). It then offers up to three voltages using USB
Power Delivery. In order to source the second voltage
the G5V gate driver is disabled and the GDPG gate
driver is enabled. In power mux implementations all
gate drivers are used and the CTL pins are not
necessary. In DC-DC implementations only the
GDNG gate driver is necessary and the CTL pins
program the power supply for the required voltage.
The device automatically discharges VBUS per USB
Power Delivery requirements. The PSEL, HIPWR,
PCTRL, and EN9V/EN12V pins are used to configure
the voltages and currents advertised.
The device typically draws 5.4 µA (8 µA if VDD = 0 V)
when no device is attached. The Port Attachment
indicator (UFP or DVDD) outputs may be used to
disable the power source until a sink is attached for
more system power savings.
Protection features include over-voltage, over-current,
over-temperature, IEC for CC pins, and system
override of gate drivers (GD).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS25741
VQFN (32)
4.00 mm x 4.00 mm
TPS25741A
VQFN (32)
4.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Implementations in DFP Host Ports


Similar Part No. - TPS25741ARSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMR TI1-TPS25741RSMR Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMT TI1-TPS25741RSMT Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
More results

Similar Description - TPS25741ARSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
[Old version datasheet]   USB Type-C Port Control with Power Delivery
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
   USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A12MWV-EVK-001 ROHM-BM92A12MWV-EVK-001 Datasheet
10Mb / 9P
   ROHM USB Type-C Power Delivery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com