Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250US24I-2.7 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9250US24I-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9250US24I-2.7 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9250US24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 9Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 10Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 11Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 12Page - Xicor Inc. X9250US24I-2.7 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
X9250
Characteristics subject to change without notice.
9 of 21
REV 1.1.5 1/31/03
www.xicor.com
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Read Status
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100
A
1
A
0
1110
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
increment/decrement
(sent by master on SI)
CS
Rising
Edge
010100
A
1
A
0
0010
X X
P
1
P
0
I/D I/D
....
I/D I/D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
010100
A
1
A
0
0001
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100
A
1
A
0
1000
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
Data Byte
(sent by X9250 on SO)
CS
Rising
Edge
010100
A
1
A
0
010100010000000
W
I
P


Similar Part No. - X9250US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250US24I-2.7 INTERSIL-X9250US24I-2.7 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
X9250US24I-2.7 INTERSIL-X9250US24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250US24I-2.7 INTERSIL-X9250US24I-2.7 Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
X9250US24I-2.7 RENESAS-X9250US24I-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250US24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com