Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251TV24-2.7 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9251TV24-2.7
Description  Quad Digitally-Controlled (XDCP) Potentiometer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9251TV24-2.7 Datasheet(HTML) 1 Page - Xicor Inc.

  X9251TV24-2.7 Datasheet HTML 1Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 2Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 3Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 4Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 5Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 6Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 7Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 8Page - Xicor Inc. X9251TV24-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REV 1.3.3 2/10/04
Characteristics subject to change without notice.
1 of 25
www.xicor.com
X9251
Quad Digitally-Controlled (XDCPTM) Potentiometer
FEATURES
• Four potentiometers in one package
• 256 resistor taps–0.4% resolution
• SPI Serial Interface for write, read, and transfer
operations of the potentiometer
• Wiper resistance: 100
Ω typical @ VCC = 5V
•4 Non-volatile data registers for each
potentiometer
• Non-volatile storage of multiple wiper positions
• Standby current < 5µA max
•VCC: 2.7V to 5.5V Operation
• 50K
Ω, 100KΩ versions of total resistance
• 100 yr. data retention
• Single supply version of X9250
• Endurance: 100,000 data changes per bit per
register
• 24-lead SOIC, 24-lead TSSOP, 24-lead CSP
(Chip Scale Package)
•Low power CMOS
DESCRIPTION
The X9251 integrates four digitally controlled potentio-
meters (XDCP) on a monolithic CMOS integrated
circuit.
The digitally controlled potentiometers are imple-
mented with a combination of resistor elements and
CMOS switches. The position of the wipers are
controlled by the user through the SPI bus interface.
Each potentiometer has associated with it a volatile
Wiper Counter Register (WCR) and four non-volatile
Data Registers that can be directly written to and read
by the user. The content of the WCR controls the
position of the wiper. At power-up, the device recalls
the content of the default Data Registers of each DCP
(DR00, DR10, DR20, and DR30) to the corresponding
WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
Single Supply / Low Power / 256-tap / SPI bus
APPLICATION NOTES AND DEVELOPMENT SYSTEM
A V A I L A B L E
AN99 • AN115 • AN124 •AN133 • AN134 • AN135
FUNCTIONAL DIAGRAM
POWER UP,
INTERFACE
CONTROL
AND
VCC
VSS
SPI
RH0
RL0
DCP0
RW0
A1
SO
SI
CS
HOLD
SCK
WP
WCR0
DR00
DR01
DR02
DR03
RH1
RL1
DCP1
RW1
WCR1
DR10
DR11
DR12
DR13
RH2
RL2
DCP2
RW2
WCR2
DR20
DR21
DR22
DR23
RH3
RL3
DCP3
RW3
WCR3
DR30
DR31
DR32
DR33
A0
Interface
STATUS


Similar Part No. - X9251TV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TV24-2.7 INTERSIL-X9251TV24-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TV24-2.7 INTERSIL-X9251TV24-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251TV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com