Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258UV24-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9258UV24-2.7
Description  Quad Digital Controlled Potentiometers (XDCP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9258UV24-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9258UV24-2.7 Datasheet HTML 1Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 2Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 3Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 4Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 5Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 6Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 7Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 8Page - Xicor Inc. X9258UV24-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
X9258
Characteristics subject to change without notice.
5 of 22
REV 1.1.7 2/4/03
www.xicor.com
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The next
two bits (R1 and R0) select one of the four registers that
is to be acted upon when a register oriented instruction
is issued. The last bits (P1, P0) select which one of the
four potentiometers is to be affected by the instruction.
Four of the nine instructions end with the transmission
of the instruction byte. The basic sequence is illustrated
in Figure 3. These two-byte instructions exchange data
between the Wiper Counter Register and one of the
data registers. A transfer from a Data Register to a
Wiper Counter Register is essentially a write to a static
RAM. The response of the wiper to this action will be
delayed tWRL. A transfer from the Wiper Counter
Register (current wiper position), to a data register is a
write to nonvolatile memory and takes a minimum of
tWR to complete. The transfer can occur between one of
the four potentiometers and one of its associated
registers; or it may occur globally, wherein the transfer
occurs between all of the potentiometers and one of
their associated registers.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9258; either between the host and one of
the data registers or directly between the host and the
Wiper Counter Register. These instructions are: Read
Wiper Counter Register (read the current wiper position
of the selected pot), Write Wiper Counter Register
(change current wiper position of the selected pot),
Read Data Register (read the contents of the selected
nonvolatile register) and Write Data Register (write a
new value to the selected data register). The sequence
of operations is shown in Figure 4.
I1
I2
I3
I0
R1
R0
P1
P0
Wiper Counter
Register
Select
Instructions
Register Select
Figure 3. Two-Byte Instruction Sequence
S
T
A
R
T
0101
A3
A2
A1
A0
A
C
K
I3
I2
I1
I0
R1
R0
P1 P0
A
C
K
SCL
SDA
S
T
O
P
The Increment/Decrement command is different from
the other commands. Once the command is issued and
the X9258 has responded with an acknowledge, the
master can clock the selected wiper up and/or down in
one segment steps; thereby, providing a fine tuning
capability to the host. For each SCL clock pulse (tHIGH)
while SDA is HIGH, the selected wiper will move one
resistor segment towards the VH terminal. Similarly, for
each SCL clock pulse while SDA is LOW, the selected
wiper will move one resistor segment towards the VL/RL
terminal. A detailed illustration of the sequence and
timing for this operation are shown in Figures 5 and 6
respectively.


Similar Part No. - X9258UV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258UV24-2.7 INTERSIL-X9258UV24-2.7 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258UV24-2.7 INTERSIL-X9258UV24-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X9258UV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com