Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251TV24I-2.7 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9251TV24I-2.7
Description  Quad Digitally-Controlled (XDCP) Potentiometer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9251TV24I-2.7 Datasheet(HTML) 4 Page - Xicor Inc.

  X9251TV24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9251TV24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
X9251
Characteristics subject to change without notice.
4 of 25
REV 1.3.3 2/10/04
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Note 1: A0–A1 device address pins must be tied to a logic level.
Pin
(SOIC)
Pin
(CSP)
Symbol
Function
1E2SO
Serial Data Output for SPI bus
2F2A0
Device Address for SPI bus. (See Note 1)
3F1
RW3
Wiper Terminal of DCP3
4D2
RH3
High Terminal of DCP3
5E1
RL3
Low Terminal of DCP3
7C1
VCC
System Supply Voltage
8B1
RL0
Low Terminal of DCP0
9C2
RH0
High Terminal of DCP0
10
A1
RW0
Wiper Terminal of DCP0
11
A2
CS
SPI bus. Chip Select active low input
12
B2
WP
Hardware Write Protect – active low
13
B3
SI
Serial Data Input for SPI bus
14
A3
A1
Device Address for SPI bus. (See Note 1)
15
A4
RL1
Low Terminal of DCP1
16
C3
RH1
High Terminal of DCP1
17
B4
RW1
Wiper Terminal of DCP1
18
C4
VSS
System Ground
20
E4
RW2
Wiper Terminal of DCP2
21
D3
RH2
High Terminal of DCP2
22
F4
RL2
Low Terminal of DCP2
23
F3
SCK
Serial Clock for SPI bus
24
E3
HOLD
Device select. Pauses the SPI serial bus.
6, 19
D1, D4
NC
No Connect
2
3
4
A
B
C
D
E
F
Top View–Bumps Down
RW0
RL0
NC
A0
HOLD
RL1
VCC
RL3
RW3
SO
SI
RW1
SCK
RL2
WP
NC
RH0
RH1
RH3
VSS
RW2
CS
A1
1
CSP
RH2
SO
A0
RW3
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
HOLD
SCK
RL2
RH2
RW2
NC
VSS
RW1
RH1
RL1
SOIC/TSSOP
X9251
RH3
14
13
11
12
RL3
RH0
RW0
CS
A1
SI
WP


Similar Part No. - X9251TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TV24I-2.7 INTERSIL-X9251TV24I-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TV24I-2.7 INTERSIL-X9251TV24I-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com