Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI3-1209S Datasheet(PDF) 4 Page - Recom International Power

Part # RI3-1209S
Description  3 Watt in a SIP4 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3-1209S Datasheet(HTML) 4 Page - Recom International Power

  RI3-1209S Datasheet HTML 1Page - Recom International Power RI3-1209S Datasheet HTML 2Page - Recom International Power RI3-1209S Datasheet HTML 3Page - Recom International Power RI3-1209S Datasheet HTML 4Page - Recom International Power RI3-1209S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
CB General Safety
E224736-A31
IEC60950-1, 2nd Edition, 2013
EN60950-1, 2nd Endition, 2013
UL General Safety
E224736-A32
UL60950-1, 2nd Edition, 2014
CAN/CSA General Safety
C22.2 No. 60950-1-07, 2nd Edition, 2014
EMC Compliance
Condition
Standard / Criterion
EMI (6)
EN55022, Class B
RI3
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
L1
C2
DC
DC
C1
+Vin
-Vin
+Vout
-Vout
EMC Filtering - Suggestions for Class B
ECO-4
REV.: 0/2016
www.recom-power.com
MODEL
C1
C2
L1
RI3-05xxS
4.7µF
470pF/4kV
10µH
RI3-12xxS
4.7µF
470pF/4kV
10µH
RI3-15xxS
RI3-24xxS
2.2µF
470pF/4kV
10µH
100
80
60
40
20
0
-40
0
60
40
20
-20
100
85
120
80
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
(@ Chamber and natural convection)
Notes:
Note5: For more details, please contact our technical support service at TechsupportAT@recom-power.com.
Notes:
Note6: RI3 Series can meet EN55022 Class A without any external filter.


Similar Part No. - RI3-1209S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-1209S RECOM-RI3-1209S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
More results

Similar Description - RI3-1209S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
   3 watts in a 1 watt size package
logo
Recom International Pow...
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com