Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251TB24I Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9251TB24I
Description  Quad Digitally-Controlled (XDCP) Potentiometer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9251TB24I Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9251TB24I Datasheet HTML 5Page - Xicor Inc. X9251TB24I Datasheet HTML 6Page - Xicor Inc. X9251TB24I Datasheet HTML 7Page - Xicor Inc. X9251TB24I Datasheet HTML 8Page - Xicor Inc. X9251TB24I Datasheet HTML 9Page - Xicor Inc. X9251TB24I Datasheet HTML 10Page - Xicor Inc. X9251TB24I Datasheet HTML 11Page - Xicor Inc. X9251TB24I Datasheet HTML 12Page - Xicor Inc. X9251TB24I Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
X9251
Characteristics subject to change without notice.
9 of 25
REV 1.3.3 2/10/04
www.xicor.com
Table 5. Instruction Set
Note:
1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0
RB
RA
P1
P0
Read Wiper Counter
Register
100
10
0
1/0
1/0
Read the contents of the Wiper Counter
Register pointed to by P1-P0
Write Wiper Counter
Register
101
00
0
1/0
1/0
Write new value to the Wiper Counter
Register pointed to by P1-P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register
pointed to by P1-P0 and RB-RA
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1-P0 and RB-RA
XFR Data Register to
Wiper Counter Register
110
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register
pointed to by P1-P0 and RB-RA to its
associated Wiper Counter Register
XFR Wiper Counter
Register to Data Register
111
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Counter
Register pointed to by P1-P0 to the Data
Register pointed to by RB-RA
Global XFR Data Registers
to Wiper Counter Registers
000
1
1/0
1/0
0
0
Transfer the contents of the Data Registers
pointed to by RB-RA of all four pots to their
respective Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
100
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers
pointed to by RB-RA of all four pots
Increment/Decrement
Wiper Counter Register
001
00
0
1/0
1/0
Enable Increment/decrement of the Control
Latch pointed to by P1-P0


Similar Part No. - X9251TB24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TP24I INTERSIL-X9251TP24I Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24 INTERSIL-X9251TS24 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24 INTERSIL-X9251TS24 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9251TS24-2.7 INTERSIL-X9251TS24-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24-2.7 INTERSIL-X9251TS24-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251TB24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com